Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK5043 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK5043
Description  HIGH EFFICIENCY, 8 AMP ADJUSTABLE SURFACE MOUNT SWITCHING REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK5043 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK5043 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK5043 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK5043 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK5043 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK5043 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK5043 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK5043 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IOUT=2.5A VIN=6.5V
Within SOA
VOUT=3.3V IOUT=4A 5.0V
≤VIN≤20V
Internal IOUT
≥2.5A
High
Low
VEN=VIN
VEN=0V
VEN=0V VIN=30V
Positive
Negative
Source
Fault Sink
VIN=5.0V IOUT=2.5A VOUT=1.5V
VIN=5.0V IOUT=2.5A VOUT=2.5V
VIN=5.0V IOUT=2.5A VOUT=3.3V
VIN=6.5V IOUT=2.5A VOUT=5V
Enable Input Voltage
Enable Input Current
Current Limit Threshold
Cton Current
Efficiency
V
V
A
%
%
%
KHz
V
V
µA
µA
mA
mV
mV
µA
mA
%
%
%
%
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK5043
MSK5043H/E
Junction Temperature
ABSOLUTE MAXIMUM RATINGS
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
+150°C
Input Voltage
Enable Voltage
Output Current
Sense Pin Voltage
Thermal Resistance
(Each MOSFET)
-0.3V, +36V
-0.3V, +36V
8.5 Amps
-0.3V, +7V
6.5°C/W
1,2,3
1
1
1
2,3
1,2,3
-
1,2,3
1,2,3
1
1
1
1
1
1
1
-
-
-
-
Input Supply Range
Output Voltage Range
Output Current
Line Regulation
Oscillator Frequency
Disabled Quiescent Current
-
-
8.5
1.5
-
0.9
300
-
-
0.5
0.2
2.0
100
-100
4.0
-
83
88
90
92
ELECTRICAL SPECIFICATIONS
4.75
1.2
8.0
-
-
-
270
2.0
-
-
-
-
80
-50
2.5
2.0
-
-
-
-
-
-
8.5
1.5
-
0.9
300
-
-
0.5
0.2
2.0
100
-100
4.0
-
83
88
90
92
30
5.5
-
2.0
3.0
1.5
330
-
0.5
2.0
2.0
2.5
120
-160
6.5
-
-
-
-
-
4.75
1.2
8.0
-
-
-
270
2.0
-
-
-
-
75
-45
2.5
2.0
-
-
-
-
30
5.5
-
2.5
-
2.0
330
-
0.5
2.0
2.0
2.5
125
-165
6.5
-
-
-
-
-
Group A
Subgroup
Min.
Typ.
Max.
Min.
Typ.
Max.
MSK 5043
MSK 5043 H/E
Units
Test Conditions
Parameter
1
2
2
2
2
2
2
2
7
1
2
3
4
5
6
7
8
VIN=Enable=5V, 5mV
≤(sense high-sense low)≤75mV, IL=0A, COUT=3x330µF + 1µF ceramic, CIN=6x10µF, CTON=0.01µF unless otherwise specified.
This parameter is guaranteed by design but need not be tested. Typical parameters are representative of actual device performance but are for reference only.
All output parameters are tested using a low duty cycle pulse to maintain TJ = TC.
Industrial grade and 'E' suffix devices shall be tested to subgroup 1 unless otherwise specified.
Military grade devices ('H' suffix) shall be 100% tested to subgroups 1,2 and 3.
Subgroup 1
Subgroup 2
Subgroup 3
Actual switching frequency can be load dependent if output current is low. Refer to typical performance curves.
Continuous operation at or above absolute maximum ratings may adversely effect the device performance and/or life cycle.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
NOTES:
2
2
Rev. A
2/06
Load Regulation
VOUT=3.3V 0.75A
≤IOUT≤4A
8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com