Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG401B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG401B
Description  Low-Power, High-Speed CMOS Analog Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG401B Datasheet(HTML) 4 Page - Vishay Siliconix

  DG401B Datasheet HTML 1Page - Vishay Siliconix DG401B Datasheet HTML 2Page - Vishay Siliconix DG401B Datasheet HTML 3Page - Vishay Siliconix DG401B Datasheet HTML 4Page - Vishay Siliconix DG401B Datasheet HTML 5Page - Vishay Siliconix DG401B Datasheet HTML 6Page - Vishay Siliconix DG401B Datasheet HTML 7Page - Vishay Siliconix DG401B Datasheet HTML 8Page - Vishay Siliconix DG401B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.vishay.com
4
Document Number: 73069
S11-0179-Rev. B, 07-Feb-11
Vishay Siliconix
DG401B, DG403B, DG405B
Notes:
a. Refer to PROCESS OPTION FLOWCHART.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
SPECIFICATIONSa
Parameter
Symbol
Test Conditions
Unless Specified
V+ = 15 V, V- = - 15 V
VIN = 2.4 V, 0.8 V
f
Temp.
b
Limits
- 40 °C to 85 °C
Unit
Min.d
Typ.c
Max.d
Power Supplies
Positive Supply Current
I+
V+ = 16.5 V, V- = - 16.5 V
VIN = 0 or 5 V
Room
Full
0.250
0.5
1
mA
Negative Supply Current
I-
Room
Full
- 0.5
- 1
0.25
Ground Current
IGND
Room
Full
- 0.5
- 1
0.25
Supply Current vs. Temperature
- 55
- 25
5
35
65
95
125
Temperature (°C)
V+ = 15 V
V- = - 15 V
1
10
100
1000
100 000
10 000
I+
I-
Supply Current vs. Switching Frequency
0
10
20
30
40
50
60
0
2000
4000
6000
8000
10000
12000
Frequency (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com