Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG406B Datasheet(PDF) 4 Page - Vishay Siliconix

Part # DG406B
Description  16-Ch/Dual 8-Ch High-Performance CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG406B Datasheet(HTML) 4 Page - Vishay Siliconix

  DG406B Datasheet HTML 1Page - Vishay Siliconix DG406B Datasheet HTML 2Page - Vishay Siliconix DG406B Datasheet HTML 3Page - Vishay Siliconix DG406B Datasheet HTML 4Page - Vishay Siliconix DG406B Datasheet HTML 5Page - Vishay Siliconix DG406B Datasheet HTML 6Page - Vishay Siliconix DG406B Datasheet HTML 7Page - Vishay Siliconix DG406B Datasheet HTML 8Page - Vishay Siliconix DG406B Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DG406B, DG407B
www.vishay.com
Vishay Siliconix
S13-2513-Rev. D, 09-Dec-13
4
Document Number: 72552
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Guaranteed by ± 15 V leakage test, not production tested.
b. Room = 25 °C, Full = as determined by the operating temperature suffix.
c. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this datasheet.
e. Guaranteed by design, not subject to production test.
f. VIN = input voltage to perform proper function.
g.
R
DS(on) = RDS(on) max. - RDS(on) min.
h. Worst case isolation occurs on channel 4 due to proximity to the drain pin.
Dynamic Characteristics
Transition Time
tTRANS
see figure 2
Room
115
-
148
ns
Full
-
-
161
Break-Before-Make Interval
tOPEN
see figure 4
Room
39
10
-
Full
-
21
-
Enable Turn-On Time
tON(EN)
see figure 3
Room
75
-
107
Full
-
-
123
Enable Turn-Off Time
tOFF(EN)
Room
50
-
88
Full
-
-
94
Charge Injection
Q
CL = 1 nF, VS = 0 V
RS = 0 
Room
11
-
-
pC
Off Isolationh
OIRR
VEN = 0 V, RL = 50 ,
f = 1 MHz
Room
-86
-
-
dB
Source Off Capacitance
CS(off)
VEN = 0 V, VS = 0 V,
f = 1 MHz
Room
6
-
-
pF
Drain Off
Capacitance
CD(off)
VEN = 0 V,
VD = 0 V,
f = 1 MHz
Room
108
-
-
DG407B
Room
54
-
-
Drain On
Capacitance
DG406B
CD(on)
Room
114
-
-
DG407B
Room
57
-
-
Power Supplies
Positive Supply Current
I+
VEN = VA = 0 V or 5 V
Room
23
-
30
μA
Full
-
-
75
Negative Supply Current
I-
Room
-0.02
-1
-
Full
-
-10
-
Positive Supply Current
I+
VEN = 2.4 V, VA = 0 V
Room
28
-
500
Full
-
-
700
Negative Supply Current
I-
Room
-0.01
-20
-
Full
-
-20
-
SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
UNLESS OTHERWISE
SPECIFIED
TEMP.b
TYP.c
D SUFFIX
-40 °C to 85 °C
UNIT
V+ = 15 V, V- = -15 V
MIN.d
MAX.d
VAL = 0.8 V, VAH = 2.4 Vf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com