Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSB15201 Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB15201
Description  Dual Port USB Type-C & PD Controller
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB15201 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB15201 Datasheet HTML 11Page - ON Semiconductor FUSB15201 Datasheet HTML 12Page - ON Semiconductor FUSB15201 Datasheet HTML 13Page - ON Semiconductor FUSB15201 Datasheet HTML 14Page - ON Semiconductor FUSB15201 Datasheet HTML 15Page - ON Semiconductor FUSB15201 Datasheet HTML 16Page - ON Semiconductor FUSB15201 Datasheet HTML 17Page - ON Semiconductor FUSB15201 Datasheet HTML 18Page - ON Semiconductor FUSB15201 Datasheet HTML 19Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
FUSB15201
www.onsemi.com
17
ADC
The FUSB15201 allows for up to 12 signals to be
measured and converted using the internal 10−bit ADC.
For most applications, this will consist of two VBUS
voltages, two NTC temperature channels, two D+/D− BC1.2
and, optionally, two CC1/2 ports. The table below shows
the typical FUSB15201 configuration along with the
expected settings for the ADC module.
Table 8. ADC CONFIGURATION
ADC Channel
Pin Measurement
Resolution
Range
Full Scale Voltage
0
VBUS_A
10 mV
0 V to 10.23 V
1.024 V
20 mV
0 V to 20.46 V
2.048 V
40 mV
0 V to 40.92 V
4.096 V
1
DP_A
4 mV
0 V to 4.096 V
4.096 V
2
DM_A
4 mV
0 V to 4.096 V
4.096 V
3
NTC1 Temperature
1°C
0°C to 160°C
1.28 V
4
HVCC1_A
4 mV
0 V to 4.096 V
4.096 V
5
HVCC2_A
4 mV
0 V to 4.096 V
4.096 V
6
VBUS_B
10 mV
0 V to 10.23 V
1.024 V
20 mV
0 V to 20.46 V
2.048 V
40 mV
0 V to 40.92 V
4.096 V
7
DP_B
4 mV
0 V to 4.096 V
4.096 V
8
DM_B
4 mV
0 V to 4.096 V
4.096 V
9
NTC2 Temperature
1°C
0°C to 160°C
1.28 V
10
HVCC1_B
4 mV
0 V to 4.096 V
4.096 V
11
HVCC2_B
4 mV
0 V to 4.096 V
4.096 V
Development Tools
FUSB15201 is supported by a full suite of comprehensive
tools including:
• An easy−to−use development board
• Software Development Kit (SDK) including:
USB PD protocol stacks, shared capacity algorithms,
sample code, libraries, and documentation
Specifications References
• Universal Serial Bus Power Delivery specification
revision 3.1 Version 1.3, dated January 2022
• Universal Serial Bus Type C Cable and Connection
Specification release 2.1, dated May 2021
• USB Battery Charging Specification, revision 1.2,
dated December 7, 2010
• I2C−bus specification Rev. 6 – 4 April 2014
Arm, Cortex, and the Arm logo are registered trademarks of Arm Limited (or its subsidiaries) in the EU and/or elsewhere.
onsemi is licensed by the Philips Corporation to carry the I2C bus protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com