Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8581SEFT Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8581SEFT
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581SEFT Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8581SEFT Datasheet HTML 17Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 18Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 19Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 20Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 21Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 22Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 23Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 24Page - Wolfson Microelectronics plc WM8581SEFT Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
21
REGISTER READBACK
The WM8581 allows readback of certain registers in 2-wire mode. As in 3-wire mode, there are two
methods of reading back data: continuous and non-continuous readback. Continuous readback is set
by writing to the Readback Control register (see Table 9) to set READEN and CONTREAD to 1, and
to set the READMUX bits to select the register to be read back. The status of this register can then
be readback using the protocol shown in Figure 10.
Figure 10 2-Wire Continuous Readback
If CONTREAD is set to zero, the user can read back directly from the register by writing to the
register address, to which the device will respond with data. The protocol for this system is shown in
Figure 11.
Figure 11 2-Wire Non-Continuous Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com