Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8581SERV Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8581SERV
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8581SERV Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8581SERV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8581SERV Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
Product Preview
WM8581
w
PP Rev 1.0 March 2006
49
In order to choose and configure the correct values for PLLx_N and PLLx_K, multiplication factor R must first
be calculated. Once value R is calculated, the value of PLLx_N is the integer (whole number) value of R,
ignoring all digits to the right of the decimal point. For example, if R is calculated to be 8.196523, PLL_N is
simply 8.
Once PLLx_N is calculated, the PLLx_K value is simply the integer value of (2
22 (R-PLLx_N)). For example, if
R is 8.196523 and PLLx_N is 8, PLLx_K is therefore (2
22 (8.196523-8)), which is 824277 (ignoring all digits to
the right of the decimal point).
Note: the PLLs are designed to operate with best performance (shortest lock time and optimum stability)
when f2 is between 90 and 100MHz and PLLx_N is 8. However, acceptable PLLx_N values lie in the range 5
PLLx_N
13.
Each PLL has an output divider to allow the f2 clock signal to be divided to a frequency suitable for use as the
source for the MCLK and CLKOUT outputs, the S/PDIF transmitter and the internal ADC and DACs. The
divider output is configurable and is set by the FREQMODE_A or FREQMODE_B bits in conjunction with the
POSTSCALE_A and POSTSCALE_B bits. Each PLL is also equipped with a pre-scale divider which offers
frequency divide by one or two before the OSCCLK signal is input into the PLL. Please refer to Table 41 for
details.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
PLLA 4
03h
0
PRESCALE_A
0
R7
PLLB 4
07h
0
PRESCALE_B
0
PLL Pre-scale Divider Select
0 = Divide by 1 (PLL input clock =
oscillator clock)
1 = Divide by 2 (PLL input clock =
oscillator clock
÷ 2)
Note: PRESCALE_A must be set to
the same value as PRESCALE_B in
PLL S/PDIF receiver mode.
R3
PLLA 4
03h
4:3
FREQMODE_A
[1:0]
10
R7
PLLB 4
07h
4:3
FREQMODE_B
[1:0]
10
PLL Output Divider Select
PLL S/PDIF Receiver Mode
FREQMODE_A is automatically
controlled. FREQMODE_B is not
used.
PLL User Mode
Used in conjunction with the
POSTSCALE_x bits. Refer to Table
42.
R3
PLLA 4
03h
1
POSTSCALE_A
0
R7
PLLB 4
07h
1
POSTSCALE_B
0
PLL Post-scale Divider Select
PLL S/PDIF Receiver Mode
POSTSCALE_A is used to configure
a 256fs or 128fs PLLACLK,
POSTSCALE_B is not used. Refer
to Table 43.
PLL User Mode
Used in conjunction with the
FREQMODE_x bits. Refer to Table
42.
Table 41 Pre and Post PLL Clock Divider Control
f2 TO PLLxCLK DIVISION FACTOR
POSTSCALE_x
FREQMODE_x[1:0]
0
1
00
÷2
÷4
01
÷4
÷8
10
÷8
÷16
11
÷12
÷24
Table 42 PLL User Mode Clock Divider Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com