Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GV2LE07 Datasheet(PDF) 2 Page - Schneider Electric

Part # GV2LE07
Description  TeSys GV2 Manual Starter and Protector, magnetic circuit protector, toggle switch, 2.5 A, screw clamp terminals
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

GV2LE07 Datasheet(HTML) 2 Page - Schneider Electric

  GV2LE07 Datasheet HTML 1Page - Schneider Electric GV2LE07 Datasheet HTML 2Page - Schneider Electric GV2LE07 Datasheet HTML 3Page - Schneider Electric GV2LE07 Datasheet HTML 4Page - Schneider Electric GV2LE07 Datasheet HTML 5Page - Schneider Electric GV2LE07 Datasheet HTML 6Page - Schneider Electric GV2LE07 Datasheet HTML 7Page - Schneider Electric GV2LE07 Datasheet HTML 8Page - Schneider Electric GV2LE07 Datasheet HTML 9Page - Schneider Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
[Ue] rated operational voltage
690 V AC 50/60 Hz IEC 60947-2
[Ui] rated insulation voltage
690 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand
voltage
6 kV IEC 60947-2
Power dissipation per pole
1.8 W
Mechanical durability
100000 cycles
Electrical durability
100000 cycles AC-3 415 V
Maximum operating rate
40 cyc/h
Rated duty
Continuous IEC 60947-4-1
Tightening torque
15.05 lbf.in (1.7 N.m) screw clamp terminals
Mechanical robustness
Shocks 30 Gn IEC 60068-2-27
Vibrations 5 Gn, 5...150 Hz IEC 60068-2-6
Height
3.50 in (89 mm)
Width
1.77 in (45 mm)
Depth
3.09 in (78.5 mm)
Net Weight
0.73 lb(US) (0.33 kg)
Suitability for isolation
Yes IEC 60947-1
Environment
Standards
UL 60947-4-1
EN/IEC 60947-2
Product Certifications
CCC
EAC
BV
RINA
UL
UKCA
Climatic withstand
IACS E10
IK degree of protection
IK04
IP degree of protection
IP20 IEC 60529
Ambient Air Temperature for
Storage
-40…176 °F (-40…80 °C)
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Operating altitude
0...6561.68 ft (0...2000 m)
Ambient air temperature for
operation
-4…140 °F (-20…60 °C)
Ordering and shipping details
Category
18402-WORLD SERVICE PARTS(CONTROL ACCESS)
Discount Schedule
CP10
GTIN
3389110516920
Nbr. of units in pkg.
1
Package weight(Lbs)
9.07 oz (257.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.81 in (4.6 cm)
2
May 12, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com