Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK738 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK738
Description  INVERTING OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK738 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK738 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK738 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK738 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK738 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK738 Datasheet HTML 5Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STATIC
Supply Voltage Range
Quiescent Current
Thermal Resistance
INPUT
Input Offset Voltage
Input Offset Voltage Drift
Input Offset Adjust
Input Bias Current
Input Offset Current
Input Impedance
Power Supply Rejection Ratio
Input Noise Voltage
Input Noise Voltage Density
Input Noise Current Density
OUTPUT
Output Voltage Swing
Output Current
Settling Time
1
Full Power Bandwidth
Bandwidth (Small Signal)
TRANSFER CHARACTERISTICS
Supply Voltage
Peak Output Current
Differential Input Voltage
Case Operating Temperature Range
(MSK 738B/E)
-55°C to+125°C
(MSK 738)
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature Range
300°C
(10 Seconds Soldering)
Power Dissipation
See Curve
Junction Temperature
150°C
Group A
Subgroup
-
1
2,3
-
1
2,3
1
2,3
1
2,3
1
2,3
-
-
-
-
-
4
4
4
4
4
4
4
V
mA
mA
°C/W
µV
µV/°C
mV
mV
nA
nA
nA
nA
M
Ω
µV/V
µVp-p
nV
√Hz
pA
√Hz
V
mA
nS
MHz
MHz
V/µS
VIN=0V
AV=-1V/V
Junction to Case Output Devices
Bal. Pins=NC VIN=0V AV=-100V/V
VIN=0V
RPOT=10K
Ω To+VCC AV=-1V/V
VCM=0V
Either Input
VCM=0V
F=DC Differential
∆VCC=±5V
F= 0.1Hz To 10Hz
F=1KHz
F=1KHz
RL=100
Ω AV=-3V/V F≤20MHz
AV=-3V/V TJ<150°C
0.1% 10V step
RL=100
Ω Vo=±10V
RL=100
Ω
VOUT=±10V RL=100
Ω Av=-1.5V/V
+18V
±200mA
±12V
±VCC
IOUT
VIN
TC
Parameter
TST
TLD
PD
TJ
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Test Conditions
NOTES:
AV= -1, measured in false summing junction circuit.
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade and "E" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ("B" suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroups 5 and 6 testing available upon request.
Subgroup 1,4
Subgroup 2,5
Subgroup 3,6
Measurement taken 0.5 seconds after application of power using automatic test equipment.
TA=TC=+25°C
TA=TC=+125°C
TA=TC=-55°C
MSK 738B/E
Min.
±12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±10
±100
-
20
175
Typ.
±15
±39
±40
46
±25
±0.5
±10
±20
2
5
5
1
0.15
3.8
0.6
±12
±120
30
22
200
3500
Max.
±18
±40
±42
-
±75
±1
±40
±80
20
40
-
10
-
-
-
-
-
40
-
-
-
Typ.
±15
±39
-
46
±50
-
-
±20
-
10
-
5
2
0.2
4
0.7
±11.8
±120
35
20
190
MSK 738
Min.
±12
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
±10
±100
-
15
165
3500
Max.
±18
±42
-
-
±100
-
-
±60
-
30
-
-
20
-
-
-
-
-
45
-
-
-
Units
Rev. B 6/03
2
Slew Rate
3200
3200
100
110
-
95
105
-
dB
2
2
±Vcc=±15V Unless Otherwise Specified
1
5
7
3
4
2
6
Adjust to zero
Adjust to zero
2
2
2
2
2
7
2
Adjust to zero
2
2
2
Open Loop Voltage Gain
RL=1K
Ω F=1KHz VOUT=±10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com