Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK801 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK801
Description  FET INPUT DIFFERENTIAL OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK801 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK801 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK801 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
801
ISO-9001 CERTIFIED BY DSCC
FET INPUT DIFFERENTIAL
10 MHz full power bandwidth min.
650 Volts/µs slew rate min.
75 ns settling time to 0.1% max.
±100 mA output current min.
Replaces H0S-50
Fet Input
Available to DSCC SMD 5962-91574
MIL-PRF-38534 QUALIFIED
DESCRIPTION:
The MSK 801 is a high speed, FET input, differential amplifier that exhibits very good DC characteristics. The FET input
of the MSK 801 produces low input bias current, input offset voltage and input offset drift specifications. Wide bandwidth,
high input impedance, and high output current make it an ideal choice for many high speed/high frequency applications. In
addition, the MSK 801 offers the user external compensation, offset null and short circuit protection.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
D/A Converters
Buffer Amplifiers
High Speed Integrators
Sample and Hold Circuits
Video Drivers
+VCC
Output Comp.
Comp./Bal.
Comp./Bal.
Inverting Input
Non-Inverting Input
1
2
3
4
5
6
+VC
Output
-VC
-VCC
Case
NC
12
11
10
9
8
7
Rev. C 8/05
1
EQUIVALENT SCHEMATIC
OPERATIONAL AMPLIFIER


Similar Part No. - MSK801

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK801 MSK-MSK801_15 Datasheet
365Kb / 6P
10 MHz full power bandwidth min.
More results

Similar Description - MSK801

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4081 NEC-UPC4081 Datasheet
280Kb / 10P
J-FET INPUT OPERATIONAL AMPLIFIER???
logo
New Japan Radio
NJM062 NJRC-NJM062 Datasheet
224Kb / 6P
J-FET INPUT OPERATIONAL AMPLIFIER
NJM2162 NJRC-NJM2162 Datasheet
257Kb / 5P
J-FET INPUT OPERATIONAL AMPLIFIER??????
logo
ON Semiconductor
MC4741C ONSEMI-MC4741C Datasheet
138Kb / 6P
DIFFERENTIAL INPUT OPERATIONAL AMPLIFIER
REV 5
logo
Texas Instruments
THS4601 TI-THS4601 Datasheet
381Kb / 27P
WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
NE536 ETC-NE536 Datasheet
262Kb / 5P
FET INPUT OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH740A NSC-LH740A Datasheet
111Kb / 2P
FET Input Operational Amplifier
logo
First Components Intern...
LM324 FCI-LM324 Datasheet
53Kb / 2P
Quad Differential Input Operational Amplifier
logo
Cirrus Logic
PA07 CIRRUS-PA07 Datasheet
208Kb / 5P
FET Input Power Operational Amplifier
logo
Texas Instruments
THS4601 TI1-THS4601_14 Datasheet
614Kb / 32P
WIDEBAND, FET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com