Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSK0041 Datasheet(PDF) 3 Page - M.S. Kennedy Corporation

Part # MSK0041
Description  HIGH POWER OP-AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK0041 Datasheet(HTML) 3 Page - M.S. Kennedy Corporation

  MSK0041 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 6Page - M.S. Kennedy Corporation MSK0041 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HEAT SINKING
To select the correct heat sink for your application, refer to the
thermal model and governing equation below.
Thermal Model:
APPLICATION NOTES
CURRENT LIMIT
The MSK 0041 has an on-board current limit scheme de-
signed to limit the output drivers anytime output current
exceeds a predetermined limit. The following formula may
be used to determine the value of the current limit resistance
necessary to establish the desired current limit.
Current Limit Connection
3
Rev. - 4/02
RSC= 0.7
ISC
___
See "Application Circuits" in this data sheet for additional
information on current limit connections.
POWER SUPPLY BYPASSING
Both the negative and the positive power supplies must
be effectively decoupled with a high and low frequency by-
pass circuit to avoid power supply induced oscillation. An
effective decoupling scheme consists of a 0.1 microfarad
ceramic capacitor in parallel with a 4.7 microfarad tantalum
capacitor from each power supply pin to ground.This ca-
pacitor will eliminate any peak output voltage clipping which
may occur due to poor power supply load regulation. All
power supply decoupling capacitors should be placed as
close to the package power supply pins as possible.
SAFE OPERATING AREA
The safe operating area curve is a graphical representation
of the power handling capability of the amplifier under vari-
ous conditions. The wire bond current carrying capability,
transistor junction temperature and secondary breakdown
limitations are all incorporated into the safe operating area
curves. All applications should be checked against the curves
to ensure high M.T.B.F.
Governing Equation:
TJ = PD x (RθJC + RθCS + RθSA) + TA
Where
TJ
= Junction Temperature
PD
= Total Power Dissipation
RθJC
= Junction to Case Thermal Resistance
RθCS
= Case to Heat Sink Thermal Resistance
RθSA
= Heat Sink to Ambient Thermal Resistance
TC
= Case Temperature
TA
= Ambient Temperature
TS
= Sink Temperature
Example: (TO-8 PACKAGE)
In our example the amplifier application requires the output to drive
a 10 volt peak sine wave across a 100 ohm load for 0.1 amp of
output current. For a worst case analysis we will treat the 0.1 amp
peak output current as a D.C. output current. The power supplies
are ±15 VDC.
1.) Find Power Dissipation
PD=[(quiescent current) X (+VCC - (VCC))] + [(VS - VO) X IOUT]
=(3.5 mA) X (30V) + (5V) X (0.1A)
=0.1W + 0.5W
=0.6W
2.) For conservative design, set TJ = +150°C.
3.) For this example, worst case TA = +25°C.
4.) RθJC = 85°C/W
5.) Rearrange governing equation to solve for RθSA:
RθSA =(TJ - TA) / PD - (RθJC) - (RθCS)
= (150°C - 25°C) / 0.6W - (85°C/W) - (0.15°C/W)
= 123°C/W
The heat sink in this example must have a thermal resistance of no
more than 123°C/W to maintain a junction temperature of less than
+150°C. This calculation assumes a case to sink thermal resistance
of 0.15°C/W.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com