Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4339 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 2N4339
Description  N-Channel JFETs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4339 Datasheet(HTML) 4 Page - Vishay Siliconix

  2N4339 Datasheet HTML 1Page - Vishay Siliconix 2N4339 Datasheet HTML 2Page - Vishay Siliconix 2N4339 Datasheet HTML 3Page - Vishay Siliconix 2N4339 Datasheet HTML 4Page - Vishay Siliconix 2N4339 Datasheet HTML 5Page - Vishay Siliconix 2N4339 Datasheet HTML 6Page - Vishay Siliconix 2N4339 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2N4338/4339/4340/4341
Vishay Siliconix
www.vishay.com
4
Document Number: 70240
S-40990—Rev. F, 24-May-04
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
1500
0
−3
−5
−4
−2
−1
1200
900
600
300
0
0.01
0.1
1
2
1.6
0.8
0.4
0
10
8
4
2
0
400
012
16
420
320
160
80
0
2
012
16
8
420
1.6
1.2
0.8
0.4
0
Output Characteristics
On-Resistance and Output Conductance
vs. Gate-Source Cutoff Voltage
Common-Source Forward Transconductance
vs. Drain Current
Output Characteristics
ID − Drain Current (mA)
VGS(off) − Gate-Source Cutoff Voltage (V)
VDS − Drain-Source Voltage (V)
VDS − Drain-Source Voltage (V)
TA = −55_C
125_C
VGS = 0 V
−0.2 V
−0.4 V
VGS = 0 V
−0.6 V
−0.9 V
−0.1 V
−0.3 V
rDS @ ID = 100 mA, VGS = 0 V
gos @ VDS= 10 V, VGS = 0 V, f = 1 kHz
rDS
gos
VGS(off) = −1.5 V
−0.3 V
6
1.2
240
8
VDS = 10 V
f = 1 kHz
VGS(off) = −0.7 V
VGS(off) = −1.5 V
−1.2 V
−0.5 V
Output Characteristics
300
0
0.5
240
180
120
60
0
VDS − Drain-Source Voltage (V)
0.1
0.2
0.3
0.4
VGS = 0 V
−0.1 V
−0.2 V
−0.3 V
−0.4 V
VGS(off) = −0.7 V
−0.5 V
Output Characteristics
1
0
1.0
0.8
0.6
0.4
0.2
0
VDS − Drain-Source Voltage (V)
0.2
0.4
0.6
0.8
VGS = 0 V
−0.3 V
−0.6 V
−0.9 V
VGS(off) = −1.5 V
−1.2 V
25_C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com