Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC595 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 74HC595
Description  8-bit shif t registers with 3-state output latches in bare die form
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC595 Datasheet(HTML) 4 Page - Silicon Supplies

  74HC595 Datasheet HTML 1Page - Silicon Supplies 74HC595 Datasheet HTML 2Page - Silicon Supplies 74HC595 Datasheet HTML 3Page - Silicon Supplies 74HC595 Datasheet HTML 4Page - Silicon Supplies 74HC595 Datasheet HTML 5Page - Silicon Supplies 74HC595 Datasheet HTML 6Page - Silicon Supplies 74HC595 Datasheet HTML 7Page - Silicon Supplies 74HC595 Datasheet HTML 8Page - Silicon Supplies 74HC595 Datasheet HTML 9Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
High Speed CMOS Logic – 74HC595
DC Electrical Characteristics (Voltages Referenced to GND)
Rev 1.2
22/12/21
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
25°C
85°C
FULL RANGE
5
UNITS
2.0V
1.5
1.5
1.5
3.0V
2.1
2.1
2.1
4.5V
3.15
3.15
3.15
Minimum High-Level
Input Voltage
VIH
6.0V
VOUT = 0.1V or
VCC -0.1V
V
│IOUT│≤ 20µA
4.2
4.2
4.2
2.0V
0.5
0.5
0.5
3.0V
0.9
0.9
0.9
4.5V
1.35
1.35
1.35
VOUT = 0.1V or
VCC -0.1V
│IOUT│≤ 20µA
Maximum Low-Level
Input Voltage
VIL
V
6.0V
1.8
1.8
1.8
2.0V
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
5.9
5.9
5.9
V
3.0V
VIN = VIH or VIL
│IOUT│≤ 2.4mA
2.48
2.34
2.34
4.5V
VIN = VIH or VIL
│IOUT│≤ 6.0mA
3.98
3.84
3.84
Minimum High-Level
Output Voltage
(QA – QH)
VOH
6.0V
VIN = VIH or VIL
│IOUT│≤ 7.8mA
5.48
5.34
5.34
V
2.0V
0.1
0.1
0.1
4.5V
0.1
0.1
0.1
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
0.1
0.1
0.1
V
3.0V
VIN = VIH or VIL
│IOUT│≤ 2.4mA
0.26
0.33
0.33
4.5V
VIN = VIH or VIL
│IOUT│≤ 6.0mA
0.26
0.33
0.33
Maximum Low-Level
Output Voltage
(QA–QH)
VOL
6.0V
VIN = VIH or VIL
│IOUT│≤ 7.8mA
0.26
0.33
0.33
V
2.0V
1.9
1.9
1.9
4.5V
4.4
4.4
4.4
6.0V
VIN = VIH or VIL
│IOUT│≤ 20µA
5.9
5.9
5.9
V
3.0V
VIN = VIH or VIL
│IOUT│≤ 2.4mA
2.48
2.34
2.34
4.5V
VIN = VIH or VIL
│IOUT│≤ 4.0mA
3.98
3.84
3.84
Minimum High-Level
Output Voltage
VOH
(QH’)
V
6.0V
VIN = VIH or VIL
│IOUT│≤ 5.2mA
5.48
5.34
5.34
5. -40˚C ≤ TJ ≤ +85˚C
Page 4 of 9
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com