Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLS32AIA010ML Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # SLS32AIA010ML
Description  OPTIGA??Trust M
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLS32AIA010ML Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button SLS32AIA010ML Datasheet HTML 28Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 29Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 30Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 31Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 32Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 33Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 34Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 35Page - Infineon Technologies AG SLS32AIA010ML Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Datasheet
32
Revision 3.10
2020-09-24
OPTIGA™ Trust M
Error! Bookmark not defined.
ty name. MERGEFORMAT 2019
Appendix A – Infineon I2C Protocol Registry Map
e \* MERGEF2020-09-24
Error! Bookmark not defined.
property name.ry
10
Appendix A – Infineon I2C Protocol Registry Map
OPTIGA™ Trust M supports IFX I2C v2.01 and is implemented as I2C slave, which uses different address locations
for status, control and data communication registers. These registers with description are outlined below in the
following table.
Table 20
IFX I2C Registry Map Table
Register
Address
Name
Size in Bytes
Description
Master
Access
0x80
DATA
DATA_REG_LEN This is the location where data shall be read from or
written to the I2C slave
Read /
Write
0x81
DATA_REG_LEN
2
This register holds the maximum data register (Addr
0x80) length. The allowed values are 0x0010 up to
0xFFFF. After writing the new data register length it
becomes effective with the next I2C master access.
However, in case the slave could not accept the new
length it indicates its maximum possible length
within this register. Therefore it is recommended to
read the value back after writing it to be sure the I2C
slave did accept the new value.
Note: the value of MAX_PACKET_SIZE is derived
from this value or vice versa (MAX_PACKET_SIZE=
DATA_REG_LEN-5)
Read /
Write
0x82
I2C_STATE
4
Bits 31:24 of this register provides the I2C state in
regards to the supported features (e.g. clock
stretching …) and whether the device is busy
executing a command and/or ready to return a
response etc.
Bits 15:0 defining the length of the response data
block at the physical layer.
Read only
0x83
BASE_ADDR
2
This register holds the I2C base address as specified
by Table 21. Default value is 0x30. After writing a
different address the new address become effective
with the next I2C master access. In case the bit 15 is
set in addition to the new address (bit 6:0) it
becomes the new default address at reset
(persistent storage).
Write only
0x84
MAX_SCL_FREQU
4
This register holds the maximum clock frequency in
KHz supported by the I2C slave. The value gets
adjusted to the register I2C_Mode setting.
Fast Mode (Fm): The allowed values are 50 up to
400.
Fast Mode (Fm+): The allowed values are 50 up to
1000.
Read
0x85
GUARD_TIME1
4
For details refer to Table 24
Read only
0x86
TRANS_TIMEOUT5
4
For details refer to Table 24
Read only
1
In case the register returns 0xFFFFFFFF the register is not supported and the default values specified in Table ‘List of protocol
variations’ shall be applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com