Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYT4BFBCJS Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # CYT4BFBCJS
Description  TRAVEO??T2G 32-bit Automotive MCU
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4BFBCJS Datasheet(HTML) 2 Page - Infineon Technologies AG

  CYT4BFBCJS Datasheet HTML 1Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 2Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 3Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 4Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 5Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 6Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 7Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 8Page - Infineon Technologies AG CYT4BFBCJS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 217 page
background image
Datasheet
2 of 217
002-21617 Rev. *J
2022-02-18
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Features
• Functional safety for ASIL-B
- Memory protection unit (MPU)
- Shared memory protection unit (SMPU)
- Peripheral protection unit (PPU)
-Watchdog timer (WDT)
- Multi-counter watchdog timer (MCWDT)
-Low-voltage detector (LVD)
-Brown-out detection (BOD)
- Over-voltage detection (OVD)
-Clock supervisor (CSV)
- Hardware error correction (SECDED ECC) on all safety-critical memories (SRAM, flash, TCM)
• Low-Power 2.7-V to 5.5-V operation
- Low-power Active, Sleep, Low-power Sleep, DeepSleep, and Hibernate modes for fine-grained power
management
- Configurable options for robust BOD
• Two threshold levels (2.7 V and 3.0 V) for BOD on VDDD and VDDA
• One threshold level (1.1 V) for BOD on VCCD
• Wakeup
- Up to two pins to wake from Hibernate mode
- Up to 240 GPIO pins to wake from Sleep modes
- Event Generator, SCB, watchdog timer, RTC alarms to wake from DeepSleep modes
• Clocks
- Internal main oscillator (IMO)
- Internal low-speed oscillator (ILO)
- External crystal oscillator (ECO)
- Watch crystal oscillator (WCO)
- Phase-locked loop (PLL)
- Frequency-locked loop (FLL)
• Communication interfaces
- Up to 10 CAN FD channels
• Increased data rate (up to 8 Mbps) compared to classic CAN, limited by physical layer topology and
transceivers
• Compliant to ISO 11898-1:2015
• Supports all the requirements of Bosch CAN FD Specification V1.0 for non-ISO CAN FD
• ISO 16845:2015 certificate available
- Up to 11 runtime-reconfigurable SCB (serial communication block) channels, each configurable as I2C, SPI,
or UART
- Up to 20 independent LIN channels
• LIN protocol compliant with ISO 17987
- Up to two 10/100/1000 Mbps Ethernet MAC interfaces conforming to IEEE-802.3az
• Supports the following PHY interfaces:
Media-independent interface (MII)
Reduced media-independent interface (RMII)
Gigabit media-independent interface (GMII)
Reduced gigabit media-independent interface (RGMII)
• Compliant with IEEE-802.1BA Audio Video Bridging (AVB)
• Compliant with IEEE-1588 Precision Time Protocol (PTP)
- FlexRay interface (V2.1) configurable for single or dual data-channels for fault tolerance, supporting data rates
up to 10 Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com