Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVB-SC Datasheet(PDF) 2 Page - ETA-USA

Part # SVB-SC
Description  50W Isolated Power Supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

SVB-SC Datasheet(HTML) 2 Page - ETA-USA

  SVB-SC Datasheet HTML 1Page - ETA-USA SVB-SC Datasheet HTML 2Page - ETA-USA SVB-SC Datasheet HTML 3Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ETA-USA
16170 Vineyard Blvd. Suite 180 Morgan Hill, CA 95037 http://www.eta-usa.com
Toll-free (US only): 800-ETA-POWR (800-382-7697) Telephone: 408 778-2793 FAX: 408-779-2753
The Power Professionals
ETA-USA
750,000
83Wx112Lx33H/410g
DC48V
DC38~63V
DC24V
DC19~32V
DC12V
DC9.2~16V
INPUT
Unit
Unit
MODEL/CHANNEL
MODEL/CHANNEL
Unit
MODEL/CHANNEL
Unit
MODEL/CHANNEL
-
-
-
-
Dimension
Environment
mm/g
Size(WxHxD) / Weight
Operating Temperature
Operating Humidity
Storage Temperature
Withstand Voltage
Vibration
℃
%
Storage Humidity
85%RH(non-condensing)
Primary-Secondary AC2,000V for 1minute
Primary-Frame Ground AC2,000V for 1minute
%
℃
-
Primary-Secondary
Isolation Resistance
Secondary-Frame Ground AC500V for 1minute
5-10Hz: 10mm double amplitude,10-55Hz: 19.6m/s^2,
20 minutes period for 60minutes each along X,Y,Z axes(non-operating)
294m/s^2
Convection
Primary-Secondary-Frame Ground 50MΩ(minimum) by DC500V insulation tester
Shock
Cooling
Input Voltage Range
Vdc
Vdc
Input Voltage 12V
%
Efficiency
%
Efficiency
%
Efficiency
79
80
82
85
85
88
87
85
83
81
89
88
86
84
82
Input Voltage Range
Vdc
Vdc
Input Voltage 24V
H
Ref. MTBF
Input Voltage Range
Vdc
Vdc
Input Voltage 48V
SVB12-
SC12
SVB05-
SC12
SVB15-
SC12
SVB24-
SC12
SVB48-
SC12
SVB12-
SC24
SVB05-
SC24
SVB15-
SC24
SVB24-
SC24
SVB48-
SC24
SVB12-
SC48
SVB05-
SC48
SVB15-
SC48
SVB24-
SC48
SVB48-
SC48
0 to +50°C
85%RH(non-condensing)
-20 to +85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com