Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESS150 Datasheet(PDF) 3 Page - ETA-USA

Part # ESS150
Description  AC/DC SWITCHING POWER SUPPLY SINGLE CHANNEL OUTPUT 150 WATTS UNIVERSAL INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA-USA [ETA-USA]
Direct Link  https://www.eta-usa.com/
Logo ETA-USA - ETA-USA

ESS150 Datasheet(HTML) 3 Page - ETA-USA

  ESS150 Datasheet HTML 1Page - ETA-USA ESS150 Datasheet HTML 2Page - ETA-USA ESS150 Datasheet HTML 3Page - ETA-USA ESS150 Datasheet HTML 4Page - ETA-USA ESS150 Datasheet HTML 5Page - ETA-USA ESS150 Datasheet HTML 6Page - ETA-USA  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ETA USA
16170 Vineyard Blvd. Suite 180, Morgan Hill, CA 95037
Visit us at: www.eta-usa.com
Phone: 1-800-ETA-POWR, (408) 778-2793 Fax: (408) 779-2753
email at: sales@eta-usa.com
Conditions:
*1 Rated input and Rated output
*2 at Output current quick change 25% to 75%
*3 At 100% load (convection cooling)
Environmental Specification
Operating Temperature*3
-10 to +71 °C
Operating Humidity
20~90% RH
Storage Temperature
-30 to +85 °C
Storage Humidity
10~95% RH [non-condensing]
Withstanding Voltage
Primary-Secondary
AC3,000V for 1minute
Primary-Frame Ground
AC2,500V for 1minute
Secondary-Frame Ground
AC1,000V for 1minute
*Sensory Current: Secondary Frame Ground
(20[mA])/Others (10[mA])
Isolation Resistance
Primary-Secondary-Frame Ground
100MΩ(minimum) by
DC500V insulation tester
Vibration
5~10Hz:10mm double amplitude,10-55Hz:19.6m/s2,30 minute
cycle each along X,Y,Z axes(non-operating)
Shock
196 m/s2 on x,y,z axis
Cooling
Convection
Leakage current
500
µA
MTBF
>150,000 hours
Environmental Agencies
Line Conducted Noise [EMI]
Built to meet FCC-B, VCCI-B, CISPR22-B, EN55022-B
Line Harmonic
Distortion/Current
IEC61000-3-2 Compliant
Safety
UL60950-1 1st ed., CAN/CSA C22.2 No.60950-1-03
Approved
UL508 17th ed.,
CAN/CSA C22.2 No.107.1-01
Approved
EN60950-1:2001+A11:2004
Approved
CE Marking:EN60950-1:2001+A11:2004(LVD)
Declared
Function/Protection
Over current Protection
Operate at 105% min of rated current, automatic return
Over voltage Protection
Input reentry at shutdown
Remote Sense
Available
Remote Control
Applicable by Option(External signal input is required)
Series Operation
Available
Parallel Operation
Not Available (N+1 Operation is Applicable by Diode-OR)
Driving Indicator
Power Source on LED indication; Green
Mechanical
Dimension [mm]
37.5W × 164.5L × 81.5H
Weight
[g](typical)
600



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com