Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7023BCPZ62I-R7 Datasheet(PDF) 62 Page - Analog Devices

Part # ADUC7023BCPZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCPZ62I-R7 Datasheet(HTML) 62 Page - Analog Devices

Back Button ADUC7023BCPZ62I-R7 Datasheet HTML 58Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 59Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 60Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 61Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 62Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 63Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 64Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 65Page - Analog Devices ADUC7023BCPZ62I-R7 Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 98 page
background image
ADuC7023
Data Sheet
Rev. H | Page 62 of 98
I2CxADR0[0] is the read/write bit.
In order to perform a read from a slave with a 10-bit address,
the master must first send a 10-bit address with the read/write
bit cleared. The master must then generate a repeated start and
send only the first byte of the address again, this time with the
read/write bit set. A repeated start is generated by writing to
I2CxADR0 while the master is still busy.
I2C REGISTERS
The I2C peripheral interfaces consist of a number of MMRs. These are described in the following section.
I2C Master Registers
I2C Master Control Registers, I2CxMCON
Name:
I2C0MCON, I2C1MCON
Address:
0xFFFF0800, 0xFFFF0900
Default value:
0x0000, 0x0000
Access:
Read/write
Function:
These 16-bit MMRs configure the I2C peripheral in master mode.
Table 65. I2CxMCON MMR Bit Designations
Bit
Name
Description
15 to 9
Reserved. These bits are reserved and should not be written to.
8
I2CMCENI
I2C transmission complete interrupt enable bit.
This bit is set to enable an interrupt on detecting a stop condition on the I2C bus.
This bit clears this interrupt source.
7
I2CNACKENI
I2C no acknowledge received interrupt enable bit.
This bit is set to enable interrupts when the I2C master receives a no acknowledge.
This bit clears this interrupt source.
6
I2CALENI
I2C arbitration lost interrupt enable bit.
This bit is set to enable interrupts when the I2C master has lost in trying to gain control of the I2C bus.
This bit clears this interrupt source.
5
I2CMTENI
I2C transmit interrupt enable bit.
This bit is set to enable interrupts when the I2C master has transmitted a byte.
This bit clears this interrupt source.
4
I2CMRENI
I2C receive interrupt enable bit.
This bit is set to enable interrupts when the I2C master receives data.
This bit is cleared by the user to disable interrupts when the I2C master is receiving data.
3
Reserved. Write a value of 0 to this bit.
2
I2CILEN
I2C internal loopback enable bit.
This bit is set to enable loopback test mode. In this mode, the SCL and SDA signals are connected internally to
their respective input signals.
This bit is cleared by the user to disable loopback mode.
1
I2CBD
I2C master backoff disable bit.
This bit is set to allow the device to compete for control of the bus even if another device is currently driving a
start condition.
This bit is cleared to back off until the I2C bus becomes free.
0
I2CMEN
I2C master enable bit.
This bit is set by the user to enable I2C master mode.
This bit is cleared to disable I2C master mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com