Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUC7023BCBZ62I-R7 Datasheet(PDF) 73 Page - Analog Devices

Part # ADUC7023BCBZ62I-R7
Description  Precision Analog Microcontroller, 12-Bit Analog I/O, ARM7TDMI MCU with Enhanced IRQ Handler
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7023BCBZ62I-R7 Datasheet(HTML) 73 Page - Analog Devices

Back Button ADUC7023BCBZ62I-R7 Datasheet HTML 69Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 70Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 71Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 72Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 73Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 74Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 75Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 76Page - Analog Devices ADUC7023BCBZ62I-R7 Datasheet HTML 77Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 98 page
background image
Data Sheet
ADuC7023
Rev. H | Page 73 of 98
PULSE-WIDTH MODULATOR
PULSE-WIDTH MODULATOR GENERAL OVERVIEW
The ADuC7023 integrates a 5-channel pulse-width modulator
(PWM) interface. The PWM outputs can be configured to drive
an H-bridge or can be used as standard PWM outputs. On
power-up, the PWM outputs default to H-bridge mode. This
ensures that the motor is turned off by default. In standard
PWM mode, the outputs are arranged as three pairs of PWM
pins. Users have control over the period of each pair of outputs
and over the duty cycle of each individual output.
Table 84. PWM MMRs
MMR Name
Description
PWMCON1
PWM Control Register 1.
PWM0COM0
Compare Register 0 for PWM Output 0 and
PWM Output 1.
PWM0COM1
Compare Register 1 for PWM Output 0 and
PWM Output 1.
PWM0COM2
Compare Register 2 for PWM Output 0 and
PWM Output 1.
PWM0LEN
Frequency control for PWM Output 0 and PWM
Output 1.
PWM1COM0
Compare Register 0 for PWM Output 2 and
PWM Output 3.
PWM1COM1
Compare Register 1 for PWM Output 2 and
PWM Output 3.
PWM1COM2
Compare Register 2 for PWM Output 2 and
PWM Output 3.
PWM1LEN
Frequency control for PWM Output 2 and PWM
Output 3.
PWM2COM0
Compare Register 0 for PWM Output 4
PWM2COM1
Compare Register 1 for PWM Output 4
PWM2LEN
Frequency control for PWM Output 4.
PWMCLRI
PWM interrupt clear.
In all modes, the PWMxCOMx MMRs control the point at
which the PWM outputs change state. An example of the first
pair of PWM outputs (PWM0 and PWM1) is shown in Figure 40.
HIGH SIDE
(PWM0)
LOW SIDE
(PWM1)
PWM0COM2
PWM0COM1
PWM0COM0
PWM0LEN
Figure 40. PWM Timing
The PWM clock is selectable via PWMCON1 with one of the
following values: UCLK divided by 2, 4, 8, 16, 32, 64, 128, or
256. The length of a PWM period is defined by PWMxLEN.
The PWM waveforms are set by the count value of the 16-bit
timer and the compare registers contents, as shown with the
PWM0 and PWM1 waveforms in Figure 40.
The low-side waveform, PWM1, goes high when the timer
count reaches PWM0LEN, and it goes low when the timer
count reaches the value held in PWM0COM2 or when the
high-side waveform (PWM0) goes low.
The high-side waveform, PWM0, goes high when the timer
count reaches the value held in PWM0COM0, and it goes low
when the timer count reaches the value held in PWM0COM1.
PWMCON1 Control Register
Name:
PWMCON1
Address:
0xFFFF0F80
Default value:
0x0012
Access:
Read and write
Function:
This is a 16-bit MMR that configures the
PWM outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com