Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # B2M
Description  Miniature Glass Passivated Single-Phase Bridge Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B2M Datasheet(HTML) 2 Page - Vishay Siliconix

  B2M Datasheet HTML 1Page - Vishay Siliconix B2M Datasheet HTML 2Page - Vishay Siliconix B2M Datasheet HTML 3Page - Vishay Siliconix B2M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B2M, B4M, B6M
www.vishay.com
Vishay General Semiconductor
Revision: 15-Jul-2020
2
Document Number: 88898
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) On glass epoxy PCB mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) pads
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Derating Curve for Output Rectified Current
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
B2M
B4M
B6M
UNIT
Maximum instantaneous forward
voltage drop per diode
IF = 0.5 A
VF
1.0
V
Maximum DC reverse current at rated
DC blocking voltage per diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
100
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
13
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B2M
B4M
B6M
UNIT
Typical thermal resistance (1)
RθJA
90
°C/W
RθJL
40
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
B2M-E3/45
0.22
45
100
Tube
0
20
40
60
80
100
120
140
160
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Glass
Epoxy
PCB
Resistive or Inductive Load
Ambient Temperature (°C)
1
10
100
0
5
10
15
20
25
30
35
Number of Cycles
f = 50 Hz
1.0 Cycle



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com