Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA683 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BA683
Description  Band Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BA683 Datasheet(HTML) 2 Page - Vishay Siliconix

  BA683 Datasheet HTML 1Page - Vishay Siliconix BA683 Datasheet HTML 2Page - Vishay Siliconix BA683 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BA682, BA683
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 04-Mar-13
2
Document Number: 85530
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS Tamb = 25 °C, unless otherwise specified
Fig. 1 - Dynamic Forward Resistance vs. Forward Current
Fig. 1 - Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): MiniMELF SOD-80
0.1
1
10
0.1
1
10
100
100
94 9074
IF - Forward Current (mA)
BA683
BA682
f = 200 MHz
T
j = 25 °C
0.1
0
0.5
1.0
1.5
2.0
3.0
100
10
94 9075
2.5
VR - Reverse Voltage (V)
1
BA682
BA683
f = 200 MHz
T
j = 25 °C
Cathode indentification
0.47 (0.019) max.
2.5 (0.098) max.
1.25 (0.49) min.
3.7 (0.146)
3.3 (0.130)
5 (0.197) ref.
Foot print recommendation:
*
* The gap between plug and glass can
be either on cathode or anode side
Document no.:6.560-5005.01-4
Rev. 8 - Date: 07.June.2006
96 12070



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com