Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34LC02 Datasheet(PDF) 3 Page - Microchip Technology

Part # 34LC02
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34LC02 Datasheet(HTML) 3 Page - Microchip Technology

  34LC02 Datasheet HTML 1Page - Microchip Technology 34LC02 Datasheet HTML 2Page - Microchip Technology 34LC02 Datasheet HTML 3Page - Microchip Technology 34LC02 Datasheet HTML 4Page - Microchip Technology 34LC02 Datasheet HTML 5Page - Microchip Technology 34LC02 Datasheet HTML 6Page - Microchip Technology 34LC02 Datasheet HTML 7Page - Microchip Technology 34LC02 Datasheet HTML 8Page - Microchip Technology 34LC02 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 3
34AA02/34LC02
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ..........................................................................................................-0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4kV
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating
conditions for extended periods may affect device reliability.
TABLE 1-1:
DC SPECIFICATIONS
DC CHARACTERISTICS
Electrical Characteristics:
Industrial (I): TA = -40°C to +85°C
Extended (E): TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Typical
Max.
Units
Conditions
D1
VIH
High-Level Input Voltage
0.7 VCC
——
V
D2
VIL
Low-Level Input Voltage
—
—
0.3 VCC
V
0.2 VCC for VCC < 2.5V
D3
VHYS
Hysteresis of Schmitt
Trigger Inputs
0.05 Vcc
—
—
V
Note 1
D4
VOL
Low-Level Output Voltage
—
—
0.40
V
IOL = 3.0 mA, VCC = 2.5V
D5
VHV
High-Voltage Detect
7
—
10
V
A0 Pin only, VCC < 2.2V
VCC + 4.8
—
10
V
A0 Pin only, VCC
 2.2V
10
—
VCC + 4.8
V
A0 Pin only, VCC
 5.2V
D6
ILI
Input Leakage Current
—
—
±1
µA
VIN = VSS or VCC
D7
ILO
Output Leakage Current
—
—
±1
µA
VOUT = VSS or VCC
D8
CIN,
COUT
Pin Capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.5V (Note 1)
TA = +25°C, FCLK = 1 MHz
D9
ICC Write
Operating Current
—0.1
3
mA
VCC = 5.5V, SCL = 1 MHz
D10
ICC Read
—
0.05
1
mA
VCC = 5.5V, SCL = 1 MHz
D11
ICCS
Standby Current
—0.01
1
µA
SDA = SCL = VCC,
A0, A1, A2, WP = VSS,
I-Temp.
——
5
µA
SDA = SCL = VCC,
A0, A1, A2, WP = VSS,
E-Temp.
Note 1: This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com