Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34AA02-I/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 34AA02-I/P
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34AA02-I/P Datasheet(HTML) 1 Page - Microchip Technology

  34AA02-I/P Datasheet HTML 1Page - Microchip Technology 34AA02-I/P Datasheet HTML 2Page - Microchip Technology 34AA02-I/P Datasheet HTML 3Page - Microchip Technology 34AA02-I/P Datasheet HTML 4Page - Microchip Technology 34AA02-I/P Datasheet HTML 5Page - Microchip Technology 34AA02-I/P Datasheet HTML 6Page - Microchip Technology 34AA02-I/P Datasheet HTML 7Page - Microchip Technology 34AA02-I/P Datasheet HTML 8Page - Microchip Technology 34AA02-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 1
34AA02/34LC02
Features
• Permanent and Resettable Software Write-Protect
for Lower Half of the Array (00h-7Fh)
• Single Supply with Operation Down to 1.7V
• Low-Power CMOS Technology:
- Read current: 1 mA, typical
- Standby current: 100 nA, typical
• Two-Wire Serial Interface Bus, I2C Compatible
• Cascadable Up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Compatibility
• 1 MHz Clock for LC Versions
• Page Write Time: 5 ms, Maximum
• Self-Timed Erase/Write Cycle
• 16-Byte Page Write Buffer
• ESD Protection > 4,000V
• Software Write Protection for Lower 128 Bytes
• Hardware Write Protection for Entire Array
• More than 1 Million Erase/Write Cycles
• Data Retention > 200 Years
• RoHS Compliant
• Available for Extended Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Extended (E): -40°C to +125°C
• Automotive AEC-Q100 Qualified
Packages
• 8-Lead MSOP, 8-Lead PDIP, 8-Lead SOIC,
6-Lead SOT-23, 8-Lead TDFN and 8-Lead
TSSOP
Description
The Microchip Technology Inc. 34XX02(1) is a 2-Kbit
Electrically Erasable PROM (EEPROM). This device
has two software write-protect features for the lower
half of the array, as well as an external pin that can be
used to write-protect the entire array. This allows the
system designer to protect none, half or all of the array,
depending on the application. The device is organized
as one block of 256 x 8-bit memory with a two-wire
serial interface. Its low-voltage design permits
operation down to 1.7V, with standby and active
currents of only 100 nA and 1 mA, respectively. The
34XX02 also has a page write capability for up to
16 bytes of data.
Package Types
Device Selection Table
Part Number
VCC Range
Max. Clock Frequency
Temp. Ranges
Packages
34AA02
1.7V-5.5V
400 kHz(1)
I, E
MS, P. SN, OT, MNY, ST
34LC02
2.2V-5.5V
1 MHz
I, E
MS, P. SN, OT, MNY, ST
Note 1: 100 kHz for VCC <1.8V.
Note 1: 34XX02 is used in this document as a
generic
part
number
for
the
34AA02/34LC02 devices.
A0
A1
A2
VSS
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
MSOP/PDIP/SOIC/TSSOP
A0
A1
A2
VSS
WP
SCL
SDA
VCC
SOT-23
6
2
4SDA
VCC
VSS
A0
A1
5
3
1SCL
TDFN
1
2
3
4
8
7
6
5
2-Kbit I2C Serial EEPROM Software Write-Protect


Similar Part No. - 34AA02-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34AA02-I/P MICROCHIP-34AA02-I/P Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
More results

Similar Description - 34AA02-I/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA52 MICROCHIP-24AA52 Datasheet
328Kb / 22P
2K 2.2V I2C Serial EEPROM with Software Write-Protect
02/17/04
24AA52 MICROCHIP-24AA52_05 Datasheet
455Kb / 28P
2K 2.2V I2C??Serial EEPROM with Software Write-Protect
2005
34AA02 MICROCHIP-34AA02 Datasheet
399Kb / 32P
2K I2C??Serial EEPROM Software Write-Protect
2010
34VL02 MICROCHIP-34VL02 Datasheet
813Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
2008
34AA02 MICROCHIP-34AA02_11 Datasheet
602Kb / 36P
2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02T-I MICROCHIP-34LC02T-I Datasheet
631Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA02-I MICROCHIP-34AA02-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02T-I MICROCHIP-34LC02T-I Datasheet
532Kb / 32P
2K I2C Serial EEPROM Software Write-Protect
01/02/08
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com