Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL133-47SC Datasheet(PDF) 3 Page - Microchip Technology

Part # PL133-47SC
Description  Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PL133-47SC Datasheet(HTML) 3 Page - Microchip Technology

  PL133-47SC Datasheet HTML 1Page - Microchip Technology PL133-47SC Datasheet HTML 2Page - Microchip Technology PL133-47SC Datasheet HTML 3Page - Microchip Technology PL133-47SC Datasheet HTML 4Page - Microchip Technology PL133-47SC Datasheet HTML 5Page - Microchip Technology PL133-47SC Datasheet HTML 6Page - Microchip Technology PL133-47SC Datasheet HTML 7Page - Microchip Technology PL133-47SC Datasheet HTML 8Page - Microchip Technology PL133-47SC Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006670A-page 3
PL133-47
SWITCHING CHARACTERISTICS Note 2
Electrical Characteristics:
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Operating Frequency
f
DC
150
MHz VDD = 3.3V, 2.5V
DC
67
MHz VDD = 1.8V
Duty Cycle = t2 ÷ t1
40
50
60
%
Measured at VDD/2, Input is 50%
Rise Time
t3
1.5
ns
Measured between 0.8V and 2.0V
Fall Time
t4
1.5
ns
Measured between 0.8V and 2.0V
Output to Output Skew
Note 1
t5
250
ps
All outputs equally loaded
Propagation Delay, REF
Rising Edge to CLKX
Rising Edge Note 1
t6
1
5
9.2
ns
Measured at VDD/2
Note 1: Parameter is guaranteed by design and characterization.
2: All parameters are specified with loaded outputs.
NOISE CHARACTERISTICS
Electrical Characteristics:
Parameter
Symbol
Min.
Typ.
Max.
Units Conditions
Additive Phase Jitter
60
fs
V DD = 3.3V, Frequency = 100 MHz
Integration range 12 kHz - 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com