Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34LC02-I/P Datasheet(PDF) 37 Page - Microchip Technology

Part # 34LC02-I/P
Description  2-Kbit I2C Serial EEPROM Software Write-Protect
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

34LC02-I/P Datasheet(HTML) 37 Page - Microchip Technology

Back Button 34LC02-I/P Datasheet HTML 32Page - Microchip Technology 34LC02-I/P Datasheet HTML 33Page - Microchip Technology 34LC02-I/P Datasheet HTML 34Page - Microchip Technology 34LC02-I/P Datasheet HTML 35Page - Microchip Technology 34LC02-I/P Datasheet HTML 36Page - Microchip Technology 34LC02-I/P Datasheet HTML 37Page - Microchip Technology 34LC02-I/P Datasheet HTML 38Page - Microchip Technology 34LC02-I/P Datasheet HTML 39Page - Microchip Technology 34LC02-I/P Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
 2007-2022 Microchip Technology Inc. and its subsidiaries
DS20002029G-page 37
34AA02/34LC02
PRODUCT IDENTIFICATION SYSTEM (NON-AUTOMOTIVE)
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Tape and Reel
Device
Device:
34AA02
=
34LC02
=
1.7V, 2-Kbit I2C Serial EEPROM
2.2V, 2-Kbit I2C Serial EEPROM
Tape and Reel
Option:
Blank
=
T
=
Standard packaging (tube)
Tape and Reel
Temperature
Range:
I=
E=
-40
C to +85C (Industrial)
-40
C to +125C (Extended)
Package:
MS
=
P=
SN
=
OT
=
MNY
=
ST
=
Plastic Micro Small Outline – 8-Lead (MSOP)
Plastic Dual In-Line – 300 mil Body, 8-Lead
(PDIP)
Plastic Small Outline - Narrow, 3.90 mm Body,
8-Lead (SOIC)
Plastic Small Outline Transistor – 5-Lead
(SOT-23) (Tape and Reel only)
Plastic Dual Flat, No Lead Package –
2x3x0.8 mm Body, 8-Lead (TDFN)
Plastic Thin Shrink Small Outline – 4.4 mm
Body, 8-Lead (TSSOP)
Examples
a)
34AA02-I/P:
1.7V, 2-Kbit I2C Serial EEPROM,
Industrial temp., PDIP package.
b)
34AA02-I/SN:
1.7V, 2-Kbit I2C Serial EEPROM,
Industrial temp., SOIC package.
c)
34AA02T-E/MS:
1.7V, 2-Kbit I2C Serial EEPROM,
Tape and Reel, Extended temp., MSOP package.
d)
34LC02-I/P:
2.2V, 2-Kbit I2C Serial EEPROM,
Industrial temp., PDIP package.
e)
34LC02-I/MNY:
2.2V, 2-Kbit I2C Serial EEPROM,
Industrial temp., TDFN package.
f)
34LC02T-E/MS:
2.2V, 2-Kbit, I2C Serial EEPROM,
Tape and Reel, Extended temp., MSOP package.
g)
34AA02T-I/OT:
1.7V, 2-Kbit, I2C Serial EEPROM,
Tape and Reel, Industrial temp., SOT-23 package.
Option
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier
is used for ordering purposes and is not printed
on the device package. Check with your Micro-
chip Sales Office for package availability with
the Tape and Reel option.
(1)
(1)
–X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com