Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD1722GSAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD1722GSAL
Description  PRECISION LOW POWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1722GSAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD1722GSAL Datasheet HTML 1Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 2Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 3Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 4Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 5Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 6Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 7Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 8Page - Advanced Linear Devices ALD1722GSAL Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1722/ALD1722G
Advanced Linear Devices
3 of 9
1722
1722G
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Power Supply Rejection Ratio
PSRR
85
85
dB
RS ≤ 100KΩ
Common Mode Rejection Ratio
CMRR
97
97
dB
RS ≤ 100KΩ
Large Signal Voltage Gain
AV
250
250
V/mV
RL = 10KΩ
Output Voltage Range
VO low
-4.90
-4.80
-4.90
-4.80
V
RL = 10KΩ
VO high
4.80
4.93
4.80
4.93
Bandwidth
BW
1.7
1.7
MHz
Slew Rate
SR
2.8
2.8
V/
µsAV = +1, CL = 50pF
TA = 25°C VS = ±5.0V unless otherwise specified
1722
1722G
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Input Offset Voltage
VOS
0.5
2.0
0.7
3.5
mV
RS ≤ 100KΩ
Input Offset Current
IOS
2.0
2.0
nA
Input Bias Current
IB
2.0
2.0
nA
Power Supply Rejection Ratio
PSRR
85
85
dB
RS ≤ 100KΩ
Common Mode Rejection Ratio
CMRR
97
97
dB
RS ≤ 100KΩ
Large Signal Voltage Gain
AV
10
25
10
25
V/mV
RL ≤ 10KΩ
Output Voltage Range
VO low
-2.40
-2.30
-2.40
-2.30
V
RL ≤ 10KΩ
VO high
2.30
2.40
2.30
2.40
V
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
1722
1722G
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Bandwidth
BW
1.0
1.5
1.0
1.5
MHz
Slew Rate
SR
1.4
2.1
1.4
2.1
V/
µsAV = +1
RL = 10KΩ
Rise time
tr
0.2
0.2
µsRL = 10KΩ
Overshoot Factor
10
10
%
RL = 10KΩ,
CL = 100pF
Settling Time
ts
8.0
8.0
µs
0.01%
3.0
3.0
µs
0.1%
AV = -1, RL= 5KΩ
CL = 50pF
TA = 25°C VS = ±2.5V unless otherwise specified (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com