Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR731FV0T7 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STR731FV0T7
Description  ARM7TDMI-TM 32-bit MCU with Flash, 3X CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR731FV0T7 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STR731FV0T7 Datasheet HTML 20Page - STMicroelectronics STR731FV0T7 Datasheet HTML 21Page - STMicroelectronics STR731FV0T7 Datasheet HTML 22Page - STMicroelectronics STR731FV0T7 Datasheet HTML 23Page - STMicroelectronics STR731FV0T7 Datasheet HTML 24Page - STMicroelectronics STR731FV0T7 Datasheet HTML 25Page - STMicroelectronics STR731FV0T7 Datasheet HTML 26Page - STMicroelectronics STR731FV0T7 Datasheet HTML 27Page - STMicroelectronics STR731FV0T7 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Electrical characteristics
STR73xF
24/40
3.5
DC electrical characteristics
VDD = 5V ± 10%, TA = -40 / +105°C, unless otherwise specified.
Table 9. DC electrical characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
VIH
Input High Level TTL
Schmitt Trigger
M0, M1
144-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15:0), P4(15:0),
P5(15:0), P6(15:0),
100-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15:0), P4(7:0)
2.0
-
VDD+0.3
V
Input High Level TTL
Schmitt Trigger
JTDI, JTCK, JTRST,
JTMS
2.0
-
VDD+0.3
V
Input High Level CMOS
Schmitt Trigger
RSTIN
0.7VDD
-VDD+0.3
V
VIL
Input Low Level TTL
Schmitt Trigger
M0, M1
144-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15:0), P4(15:0),
P5(15:0), P6(15:0),
100-pin: P0(15:0),
P1(15:0), P2(15:0),
P3(15:0), P4(7:0)
-0.3
-
0.8
V
Input Low Level TTL
Schmitt Trigger
JTDI, JTCK, JTRST,
JTMS
-0.3
-
0.8
V
Input Low Level CMOS
Schmitt Trigger
RSTIN
-0.3
-
0.3VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com