Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADCA5191ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADCA5191
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 24
SUPPLY VOLTAGE AND BIAS CURRENT
The ADCA5191 employs a versatile circuit design, allowing system
designers to configure the supply voltage at the RFON connection
(Pin 18 and Pin 19) and the RFOP connection (Pin 22 and Pin 23),
as well as the overall bias current of the device through the BIASA
and BIASB pins (Pin 11 and Pin 30).
Connect the BIASA and BIASB pins as shown in Figure 41. Keep
the network of passive components between the BIASA and BIASB
pins and VDD close to the device package to minimize parasitics.
Figure 41. Suggested BIASA and BIASB Application Circuit
Figure 42 provides the typical transfer function of IDD to RBIAS,
which allows the user to adjust IDD from 250 mA to 530 mA.
See the Typical Performance Characteristics for performance under
different bias conditions.
Figure 42. IDD vs. RBIAS over VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com