Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-SC595 Datasheet(PDF) 96 Page - Analog Devices

Part # ADSP-SC595
Description  SHARC Dual-Core DSP with Arm Cortex-A55
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC595 Datasheet(HTML) 96 Page - Analog Devices

Back Button ADSP-SC595 Datasheet HTML 92Page - Analog Devices ADSP-SC595 Datasheet HTML 93Page - Analog Devices ADSP-SC595 Datasheet HTML 94Page - Analog Devices ADSP-SC595 Datasheet HTML 95Page - Analog Devices ADSP-SC595 Datasheet HTML 96Page - Analog Devices ADSP-SC595 Datasheet HTML 97Page - Analog Devices ADSP-SC595 Datasheet HTML 98Page - Analog Devices ADSP-SC595 Datasheet HTML 99Page - Analog Devices ADSP-SC595 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 134 page
background image
Rev. PrD
|
Page 96 of 134
|
May 2022
ADSP-SC595/SC596/SC598
Preliminary Technical Data
General-Purpose IO Port Timing
Table 58 and Figure 29 describe I/O timing, related to the general-purpose ports (PORT).
General-Purpose I/O Timer Cycle Timing
Table 59, Table 60, and Figure 30 describe timer expired operations related to the general-purpose timer (TIMER0). The width value is the
timer period assigned in the TMx_TMRn_WIDTH register and can range from 1 to 232 – 1. When externally generated, the TMx_CLK
clock is called fTMRCLKEXT:
Table 58. General-Purpose Port Timing
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirement
tWFI
General-Purpose Port Pin Input Pulse Width
2 × tSCLK0 – 1.5
ns
Figure 29. General-Purpose Port Timing
Table 59. Timer Cycle Timing—Internal Mode
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tWL
Timer Pulse Width Input Low (Measured In SCLK0 Cycles)1
1 The minimum pulse width applies for timer signals in width capture and external clock modes.
2 × tSCLK0
ns
tWH
Timer Pulse Width Input High (Measured In SCLK0 Cycles)1 2 × tSCLK0
ns
Switching Characteristic
tHTO
Timer Pulse Width Output (Measured In SCLK0 Cycles)2
2 WIDTH refers to the value in the TMRx_WIDTH register (it can vary from 2 to 232 – 1).
tSCLK0 × WIDTH – 1.7
tSCLK0 × WIDTH + 1.5
ns
Table 60. Timer Cycle Timing—External Mode
All specifications are based on simulation data and are subject to change without notice.
Parameter
Min
Max
Unit
Timing Requirements
tWL
Timer Pulse Width Input Low (Measured In EXT_CLK Cycles)1
1 The minimum pulse width applies for timer signals in width capture and external clock modes.
2 × tEXT_CLK
ns
tWH
Timer Pulse Width Input High (Measured In EXT_CLK Cycles)1 2 × tEXT_CLK
ns
tEXT_CLK
Timer External Clock Period2
2 This specification indicates the minimum instantaneous width or period that can be tolerated due to duty cycle variation or jitter on the external TMR_CLK. For the external
TMR_CLK maximum frequency, see the fTMRCLKEXT specification in Table 22.
tTMRCLKEXT
ns
Switching Characteristic
tHTO
Timer Pulse Width Output (Measured In EXT_CLK Cycles)3
3 WIDTH refers to the value in the TMRx_WIDTH register (it can vary from 1 to 232 – 1).
tEXT_CLK × WIDTH – 1.5
tEXT_CLK × WIDTH + 1.5
ns
GPIO INPUT
tWFI
tTMRCLKEXT
1
fTMRCLKEXT
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com