Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEMA11-AMT112S Datasheet(PDF) 1 Page - CUI INC

Part # NEMA11-AMT112S
Description  STEPPER SERVO MOTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

NEMA11-AMT112S Datasheet(HTML) 1 Page - CUI INC

  NEMA11-AMT112S Datasheet HTML 1Page - CUI INC NEMA11-AMT112S Datasheet HTML 2Page - CUI INC NEMA11-AMT112S Datasheet HTML 3Page - CUI INC NEMA11-AMT112S Datasheet HTML 4Page - CUI INC NEMA11-AMT112S Datasheet HTML 5Page - CUI INC NEMA11-AMT112S Datasheet HTML 6Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
date 02/20/2020
page 1 of 6
SERIES: NEMA11-AMT112S
│ DESCRIPTION: STEPPER SERVO MOTOR
cuidevices.com
FEATURES
• CUI Devices AMT112S encoder + LIN Engineering stepper motor
• stepper motor with encoder for closed-loop mode when paired
with a controller
• small, compact NEMA 11 frame size
• up to 16.6 oz-in (0.12 N-m) holding torque
• patented capacitive encoder ASIC technology
• incremental resolutions up to 4096 PPR
• resolutions programmable with AMT Viewpoint™ PC software
• digitally set zero position
MODEL
step
angle
current/
phase
resistance/
phase
inductance
/phase
max
holding
torque
max
optimal
speed
body length
(
°)
(A)
typ
(Ω±10%)
typ
(mH±20%)
(oz-in)
(RPS)
max
(inch)
NEMA11-13-01D-AMT112S
1.8
0.67
5.6
3.08
9.2
16
1.26
NEMA11-18-01D-AMT112S
1.8
0.67
7.1
4.79
13.7
13
1.77
NEMA11-18-02D-AMT112S
1.8
1.3
1.3
0.63
12.0
44
1.77
NEMA11-20-01D-AMT112S
1.8
0.67
8.6
6.16
16.6
11
2.01
NEMA11-20-02D-AMT112S
1.8
1.3
1.9
1.46
16.6
22
2.01
IN PARTNERSHIP WITH
Additional Resources: Product Page | 3D Model


Similar Part No. - NEMA11-AMT112S

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
STEPPER SERVO MOTOR
logo
CUI Devices
NEMA11-AMT112S CUID-NEMA11-AMT112S Datasheet
745Kb / 6P
STEPPER SERVO MOTOR
08/05/2022
logo
Same Sky Devices
NEMA11-AMT112S SAMESKY-NEMA11-AMT112S Datasheet
676Kb / 6P
STEPPER SERVO MOTOR
09/12/2024
More results

Similar Description - NEMA11-AMT112S

ManufacturerPart #DatasheetDescription
logo
CUI INC
NEMA08-AMT112S CUI-NEMA08-AMT112S Datasheet
962Kb / 6P
STEPPER SERVO MOTOR
NEMA11-AMT112S CUI-NEMA11-AMT112S Datasheet
803Kb / 6P
STEPPER SERVO MOTOR
NEMA14-AMT112S CUI-NEMA14-AMT112S Datasheet
667Kb / 6P
STEPPER SERVO MOTOR
NEMA17-AMT112S CUI-NEMA17-AMT112S Datasheet
863Kb / 7P
STEPPER SERVO MOTOR
NEMA23-AMT112S CUI-NEMA23-AMT112S Datasheet
1Mb / 7P
STEPPER SERVO MOTOR
NEMA08-AMT112S CUI-NEMA08-AMT112S_V01 Datasheet
909Kb / 6P
STEPPER SERVO MOTOR
02/21/2020
NEMA23-AMT112S CUI-NEMA23-AMT112S_V01 Datasheet
1Mb / 7P
STEPPER SERVO MOTOR
02/20/2020
NEMA14-AMT112S CUI-NEMA14-AMT112S_V01 Datasheet
637Kb / 6P
STEPPER SERVO MOTOR
02/20/2020
logo
CUI Devices
NEMA11-AMT112S CUID-NEMA11-AMT112S Datasheet
745Kb / 6P
STEPPER SERVO MOTOR
08/05/2022
NEMA17-AMT112S CUID-NEMA17-AMT112S Datasheet
792Kb / 7P
STEPPER SERVO MOTOR
08/05/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com