Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB5926C Datasheet(PDF) 7 Page - Microchip Technology

Part # USB5926C
Description  6-Port USB 3.2 Gen 1 SmartHub with Support for Multiple USB Type-C짰 UFP and DFP
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5926C Datasheet(HTML) 7 Page - Microchip Technology

Back Button USB5926C_V01 Datasheet HTML 3Page - Microchip Technology USB5926C_V01 Datasheet HTML 4Page - Microchip Technology USB5926C_V01 Datasheet HTML 5Page - Microchip Technology USB5926C_V01 Datasheet HTML 6Page - Microchip Technology USB5926C_V01 Datasheet HTML 7Page - Microchip Technology USB5926C_V01 Datasheet HTML 8Page - Microchip Technology USB5926C_V01 Datasheet HTML 9Page - Microchip Technology USB5926C_V01 Datasheet HTML 10Page - Microchip Technology USB5926C_V01 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
USB5926C
DS00003190C-page 7
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-1:
INTERNAL BLOCK DIAGRAM
Hub Controller Logic
I
2C/SMB
25 Mhz
Hub Feature
Controller
GPIO
SMB
OTP
SPI
USB3 USB2
+3.3 V
+1.2 V
P3
A
P4
A
AFE4
AFE3
AFE2
AFE3
AFE4
AFE6
AFE7
AFE1
I2C from Master
P6
A
P1
C
AFE1
AFE1
AFE1
AFE5
P5
A
AFE1
P2
C
AFE2
AFE2
AFE2
P0 B
AFE0
AFE0
AFE0
P0 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com