Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002/KDX Datasheet(PDF) 28 Page - Microchip Technology

Part # USB7002/KDX
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002/KDX Datasheet(HTML) 28 Page - Microchip Technology

Back Button USB7002/KDX Datasheet HTML 24Page - Microchip Technology USB7002/KDX Datasheet HTML 25Page - Microchip Technology USB7002/KDX Datasheet HTML 26Page - Microchip Technology USB7002/KDX Datasheet HTML 27Page - Microchip Technology USB7002/KDX Datasheet HTML 28Page - Microchip Technology USB7002/KDX Datasheet HTML 29Page - Microchip Technology USB7002/KDX Datasheet HTML 30Page - Microchip Technology USB7002/KDX Datasheet HTML 31Page - Microchip Technology USB7002/KDX Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
USB7002
DS00002670G-page 28
 2022 Microchip Technology Inc. and its subsidiaries
6.0
DEVICE CONFIGURATION
The device supports a large number of features (some mutually exclusive), and must be configured in order to correctly
function when attached to a USB host controller. Microchip provides a comprehensive software programming tool,
MPLAB Connect Configurator (formerly ProTouch2), for OTP configuration of various USB7002 functions and registers.
All configuration is to be performed via the MPLAB Connect Configurator programming tool. For additional information
on this tool, refer to the MPLAB Connect Configurator programming tool product page at http://www.microchip.com/
design-centers/usb/mplab-connect-configurator.
Additional information on configuring the USB7002 is also provided in the “Configuration of the USB7002/USB705x”
application note, which contains details on the hub operational mode, SOC configuration stage, OTP configuration, USB
configuration, and configuration register definitions. This application note, along with additional USB7002 resources,
can be found on the Microchip USB7002 product page at www.microchip.com/USB7002.
Note:
The USB7002 requires external firmware to operate. Refer to the “Configuration of the USB7002/
USB705x
” application note for additional information.
Note:
Device configuration straps and programmable pins are detailed in Section 3.3, Configuration Straps and
Programmable Functions.
Refer to Section 7.0, Device Interfaces for detailed information on each device interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com