Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB7002-I/KDXVAO Datasheet(PDF) 20 Page - Microchip Technology

Part # USB7002-I/KDXVAO
Description  4-Port USB 3.2 Gen 1 SmartHub??IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB7002-I/KDXVAO Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB7002-I/KDXVAO Datasheet HTML 16Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 17Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 18Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 19Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 20Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 21Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 22Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 23Page - Microchip Technology USB7002-I/KDXVAO Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
USB7002
DS00002670G-page 20
 2022 Microchip Technology Inc. and its subsidiaries
3.4
Physical and Logical Port Mapping
The USB70xx family of devices are based upon a common architecture, but all have different modifications and/or pin
bond outs to achieve the various device configurations. The base chip is composed of a total of 6 USB3 PHYs and 7
USB2 PHYs. These PHYs are physically arranged on the chip in a certain way, which is referred to as the PHYSICAL
port mapping.
The actual port numbering is remapped by default in different ways on each device in the family. This changes the way
that the ports are numbered from the USB host’s perspective. This is referred to as LOGICAL mapping.
The various configuration options available for these devices may, at times, be with respect to PHYSICAL mapping or
LOGICAL mapping. Each individual configuration option which has a PHYSICAL or LOGICAL dependency is declared
as such within the register description.
The PHYSICAL vs. LOGICAL mapping is described for all port related pins in Table 3-7. A system design in schematics
and layout is generally performed using the pinout in Section 3.1, Pin Assignments, which is assigned by the default
LOGICAL mapping. Hence, it may be necessary to cross reference the PHYSICAL vs. LOGICAL look up tables when
determining the hub configuration.
Note:
The MPLAB Connect tool makes configuration simple; the settings can be selected by the user with respect
to the LOGICAL port numbering. The tool handles the necessary linking to the PHYSICAL port settings.
Refer to Section 6.0, Device Configuration for additional information.
TABLE 3-7:
USB7002 PHYSICAL VS. LOGICAL PORT MAPPING
Device
Pin
Pin Name
LOGICAL PORT NUMBER
PHYSICAL PORT NUMBER
0123450123456
5
USB2DN_DP1
X
X
6
USB2DN_DM1
X
X
7
USB3DN_TXDP1A
X
X
8
USB3DN_TXDM1A
X
X
10
USB3DN_RXDP1A
X
X
11
USB3DN_RXDM1A
X
X
14
USB2DN_DP3
X
X
15
USB2DN_DM3
X
X
16
USB3DN_TXDP1B
X
X
17
USB3DN_TXDM1B
X
X
19
USB3DN_RXDP1B
X
X
20
USB3DN_RXDM1B
X
X
29
USB2DN_DP2
X
X
30
USB2DN_DM2
X
X
31
USB3DN_TXDP2A
X
X
32
USB3DN_TXDM2A
X
X
34
USB3DN_RXDP2A
X
X
35
USB3DN_RXDM2A
X
X
37
USB2DN_DP4
X
X
38
USB2DN_DM4
X
X
39
USB3DN_TXDP2B
X
X
40
USB3DN_TXDM2B
X
X
42
USB3DN_RXDP2B
X
X
43
USB3DN_RXDM2B
X
X
81
USB3UP_TXDPB
X
X
82
USB3UP_TXDMB
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com