Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8083721 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8083721
Description  Mini slide unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083721 Datasheet(HTML) 2 Page - Festo Corporation.

  8083721 Datasheet HTML 1Page - Festo Corporation. 8083721 Datasheet HTML 2Page - Festo Corporation. 8083721 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Feature
Value
Rotor position sensor resolution
16 bit
Permissible voltage fluctuations
+/- 15 %
Power supply, type of connection
Plug
Power supply, connection technology
M12x1, T-coded as per EN 61076-2-111
Power supply, number of pins/wires
4
Power supply, connection pattern
00995989
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Vibration resistance
Transport application test with severity level 1 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 1 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
LABS (PWIS) conformity
VDMA24364 zone III
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 90 %
Degree of protection
IP40
Protection class
III
Ambient temperature
0 °C ... 50 °C
Note on ambient temperature
Above an ambient temperature of 30°C, the power must be reduced by
2% per K.
Fixed bearing dynamic basic load rating
13321 N
Linear guide dynamic basic load rating
13400 N
Dynamic basic load rating, ball screw drive
4600 N
Max. force Fy
4937 N
Max. force Fz
4937 N
Max. torque Mx
20 Nm
Max. torque My
30 Nm
Max. torque Mz
30 Nm
Max. radial force on actuator shaft
420 N
Max. feed force Fx
250 N
Guide value for payload, horizontal
10 kg
Guide value for payload, vertical
10 kg
Ball screw drive statistical basic load rating
8500 N
Linear guide statistical basic load rating
26900 N
Feed constant
12 mm/U
Statistical fixed bearing load rating
7000 N
Reference value, running performance
5000 km
Maintenance interval
Life-time lubrication
Moving mass at 0 mm stroke
675 g
Additional moving mass per 10 mm stroke
40 g
Product weight
4635 g
Basic weight with 0 mm stroke
2735 g
Additional weight per 10 mm stroke
95 g
Number of digital logic outputs 24 V DC
2
Number of digital logic inputs
2
Logic input specification
Based on IEC 61131-2, type 1
Work range of logic input
24 V
IO-Link®, SIO mode support
Yes
Characteristics of logic input
Configurable
Not galvanically isolated
5/26/22 - Subject to change - Festo SE & Co. KG
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com