Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF223NVC Datasheet(PDF) 1 Page - Schneider Electric

Part # DF223NVC
Description  Fuse carrier TeSys DF, 3PN 125A, fuse size 22x58 mm, blown fuse indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF223NVC Datasheet(HTML) 1 Page - Schneider Electric

  DF223NVC Datasheet HTML 1Page - Schneider Electric DF223NVC Datasheet HTML 2Page - Schneider Electric DF223NVC Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Fuse carrier TeSys DF, 3P+N 125A,
fuse size 22x58 mm, blown fuse
indicator
DF223NVC
Product availability : Stock - Normally stocked in distribution
facility
Price* : 183.00 USD
Main
Range
TeSys
Product name
TeSys DF
Product or Component Type
Fuse carrier
Device short name
DF22
Device composition
tubular link locked in Neutral pole
Product compatibility
DF3FA fuse cartridge striker
DF3FN fuse cartridge striker
DF22AM auxiliary contact block
Poles description
3P + N
Fuse size
22 x 58 mm
Fuse type
, gG
, aM
Control type
Toggle
Local signalling
Blown fuse indication
[Ue] rated operational voltage
690 V AC
690 V DC
[Ie] rated operational current
125 A
[Ui] rated insulation voltage
690 V AC
[Uimp] rated impulse withstand
voltage
8 kV
[Ipk] rated peak withstand
current
19 kA with tubular links IEC 60269-1
Short-circuit withstand
120 kA 400 V IEC 60947-3
120 kA 500 V IEC 60947-3
80 kA 690 V IEC 60947-3
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
UL 4248-1
CSA C22.2 No 4248-1
Product certifications
IEC
UL Recognized
CSA
EAC
Mounting Support
35 mm symmetrical DIN rail
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 30, 2022
1


Similar Part No. - DF223NVC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF223NVC SCHNEIDER-DF223NVC Datasheet
155Kb / 3P
Fuse carrier TeSys DF, 3PN 125A, fuse size 22x58 mm, blown fuse indicator
Jul 12, 2021
More results

Similar Description - DF223NVC

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF223VC SCHNEIDER-DF223VC Datasheet
160Kb / 3P
Fuse carrier TeSys DF, 3P 125A, fuse size 22x58 mm, blown fuse indicator
Jul 12, 2021
DF223NVC SCHNEIDER-DF223NVC Datasheet
155Kb / 3P
Fuse carrier TeSys DF, 3PN 125A, fuse size 22x58 mm, blown fuse indicator
Jul 12, 2021
DF222V SCHNEIDER-DF222V Datasheet
134Kb / 3P
Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm, blown fuse indicator
Jul 12, 2021
DF221V SCHNEIDER-DF221V Datasheet
108Kb / 3P
Fuse carrier TeSys DF, 1P 125A, fuse size 22x58 mm, blown fuse indicator
Jul 12, 2021
DF221NV SCHNEIDER-DF221NV Datasheet
134Kb / 3P
Fuse carrier TeSys DF, 1PN 125A, fuse size 22x58 mm, blown fuse indicator
Jul 12, 2021
DF221V SCHNEIDER-DF221V_V01 Datasheet
121Kb / 3P
Fuse carrier TeSys DF, 1P 125A, fuse size 22x58 mm, blown fuse indicator
May 30, 2022
DF223C SCHNEIDER-DF223C_V01 Datasheet
165Kb / 3P
Fuse carrier TeSys DF, 3P 125A, fuse size 22x58 mm
May 30, 2022
DF221NV SCHNEIDER-DF221NV_V01 Datasheet
147Kb / 3P
Fuse carrier TeSys DF, 1PN 125A, fuse size 22x58 mm, blown fuse indicator
Jun 2, 2022
DF222V SCHNEIDER-DF222V_V01 Datasheet
147Kb / 3P
Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm, blown fuse indicator
Jun 2, 2022
DF223VC SCHNEIDER-DF223VC_V01 Datasheet
172Kb / 3P
Fuse carrier TeSys DF, 3P 125A, fuse size 22x58 mm, blown fuse indicator
Jun 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com