Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFCC2V Datasheet(PDF) 1 Page - Schneider Electric

Part # DFCC2V
Description  Fuse carrier TeSys DF, 2P 30A, fuse class CC, blown fuse indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DFCC2V Datasheet(HTML) 1 Page - Schneider Electric

  DFCC2V Datasheet HTML 1Page - Schneider Electric DFCC2V Datasheet HTML 2Page - Schneider Electric DFCC2V Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Fuse carrier TeSys DF, 2P 30A,
fuse class CC, blown fuse indicator
DFCC2V
Product availability : Stock - Normally stocked in distribution
facility
Price* : 45.00 USD
Main
Range
TeSys
Product name
TeSys DF
Product or Component Type
Fuse carrier
Device short name
DFCC
Poles description
2P
Fuse type
, CC
Control type
Toggle padlockable
Local signalling
Blown fuse indication
Utilisation category
AC-20B IEC 60947-3
[Ue] rated operational voltage
600 V AC
[Ie] rated operational current
30 A
[Ui] rated insulation voltage
600 V AC
[Uimp] rated impulse withstand
voltage
6 kV
Short-circuit withstand
200 kA 600 V UL 512
Power dissipation in W
3 W maximum power dissipation by fuse
Complementary
Standards
UL 4248-1
UL 4248-4
CSA C22.2 No 4248-1
CSA C22.2 No 4248-4
Product certifications
UL Recognized
CSA
Mounting Support
35 mm symmetrical DIN rail
Mounting position
Vertical +/- 23°)
Connections - terminals
screw clamp terminals 1 0.00…0.02 in² (1…16 mm²)rigid
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)rigid
screw clamp terminals 1 0.00…0.02 in² (1…16 mm²)flexible with or without
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)flexible with or without
Tightening torque
17.70 lbf.in (2 N.m) PZ2
17.70 lbf.in (2 N.m) flat Ø 5.5 mm
Height
3.13 in (79.5 mm)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 30, 2022
1


Similar Part No. - DFCC2V

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DFCC2V SCHNEIDER-DFCC2V Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
More results

Similar Description - DFCC2V

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DFCC3V SCHNEIDER-DFCC3V Datasheet
107Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
DFCC3 SCHNEIDER-DFCC3 Datasheet
106Kb / 2P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
Jul 12, 2021
DFCC2V SCHNEIDER-DFCC2V Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC, blown fuse indicator
Jul 12, 2021
DFCC2 SCHNEIDER-DFCC2 Datasheet
92Kb / 2P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
Jul 12, 2021
DFCC1V SCHNEIDER-DFCC1V Datasheet
90Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC, Fuse carrier TeSys DF, 1P 30A, fuse class CC,
Jul 12, 2021
DFCC1 SCHNEIDER-DFCC1 Datasheet
89Kb / 2P
Fuse carrier TeSys DF, 1P 30A, fuse class CC
Jul 12, 2021
DFCC1V SCHNEIDER-DFCC1V_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 30A, fuse class CC, blown fuse indicator
May 30, 2022
DFCC2 SCHNEIDER-DFCC2_V01 Datasheet
106Kb / 3P
Fuse carrier TeSys DF, 2P 30A, fuse class CC
May 30, 2022
DFCC3V SCHNEIDER-DFCC3V_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC, blown fuse indicator
May 30, 2022
DFCC3 SCHNEIDER-DFCC3_V01 Datasheet
120Kb / 3P
Fuse carrier TeSys DF, 3P 30A, fuse class CC
May 30, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com