Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR02 Datasheet(PDF) 2 Page - First Components International

Part # FR02
Description  HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FR02 Datasheet(HTML) 2 Page - First Components International

  FR02 Datasheet HTML 1Page - First Components International FR02 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
HIGH VOLTAGE, FAST RECOVERY
MINIATURE PLASTIC RECTIFIERS
Page 5-3
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Reverse Voltage (Volts)
60
40
Maximum Current Rating
Effect of Copper Area
Resistive/Inductive Load
Forward Voltage (V
F)
0
Typical Junction Capacitance
1
Typical Forward Characteristics
100
10
1
T
A = Ambient Temperature (°
°°°°C)
%
o
f
A
V
G
C
u
r
r
e
n
t
.1
.01
.001
2 4
6 8 10 12 14 16 18
FR02 (25...35)
Typical Forward Characteristics
.7
.001
1 1.3 1.6 1.9 2.2 2.5 2.8 3.1 3.4
1
.1
.01
FR02 (40...60)
FR05
Forward Voltage (V
F)
Maximum Current Rating
Effect of Lead Lengths
Resistive/Inductive Load
Maximum Current Rating
Capacitive Load
T
A = Ambient Temperature (°
°°°°C)
T
A = Ambient Temperature (°
°°°°C)
FR02
FR05
24 6 8 1 0
100
1000
30
20
10
0
Maximum Surge Current
Number of Cycles @ 60 HZ
1 2 4
6 8 1 0
6 0
100
8.3 mS Single Half Sine Wave
(JEDEC Method)
FR05
FR02 (40-60)
0
20
40 60 80 100 120 140
120
100
80
60
40
20
0
120
100
80
60
40
20
0
0
20
40 60 80 100 120 140
%
o
f
A
V
G
C
u
r
r
e
n
t
%
o
f
A
V
G
C
u
r
r
e
n
t
120
100
80
60
40
20
0
0
20
40 60 80 100 120 140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com