Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS031R Datasheet(PDF) 1 Page - International Rectifier

Part # IPS031R
Description  FULLY PROTECTED POWER MOSFET SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS031R Datasheet(HTML) 1 Page - International Rectifier

  IPS031R Datasheet HTML 1Page - International Rectifier IPS031R Datasheet HTML 2Page - International Rectifier IPS031R Datasheet HTML 3Page - International Rectifier IPS031R Datasheet HTML 4Page - International Rectifier IPS031R Datasheet HTML 5Page - International Rectifier IPS031R Datasheet HTML 6Page - International Rectifier IPS031R Datasheet HTML 7Page - International Rectifier IPS031R Datasheet HTML 8Page - International Rectifier IPS031R Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
• Over temperature shutdown
• Over current shutdown
• Active clamp
• Low current & logic level input
• E.S.D protection
IPS031R
FULLY PROTECTED POWER MOSFET SWITCH
Data Sheet No.PD60220
Description
The IPS031R are fully protected three terminal SMART
POWER MOSFETs that feature over-current, over-tem-
perature, ESD protection and drain to source active
clamp.These devices combine a HEXFET® POWER
MOSFET and a gate driver. They offer full protection
and high reliability required in harsh environments.
The driver allows short switching times and provides
efficient protection by turning OFF the power MOSFET
when the temperature exceeds 165
oC or when the
drain current reaches 14A. The device restarts once the
input is cycled. The avalanche capability is significantly
enhanced by the active clamp and covers most induc-
tive load demagnetizations.
Product Summary
Rds(on)
60m
Ω (max)
V clamp
50V
Ishutdown
14A
Ton/Toff
1.5
µs
www.irf.com
1
Package
Typical Connection
(Refer to lead assignment for correct pin configuration)
!
!
!
!
!
"
"
"
"
"
Load
D
S
control
IN
R in series
(if needed)
Logic signal
3-Lead D-Pak


Similar Part No. - IPS031R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031G IRF-IPS031G Datasheet
138Kb / 11P
SINGLE/DUAL FULLY PROTECTED POWER MOSFET SWITCH
logo
Inchange Semiconductor ...
IPS031N03L ISC-IPS031N03L Datasheet
247Kb / 2P
isc N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPS031N03LG INFINEON-IPS031N03LG Datasheet
308Kb / 10P
OptiMOS?? Power-Transistor
Rev. 2.1 2010-04-07
logo
International Rectifier
IPS031S IRF-IPS031S Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
More results

Similar Description - IPS031R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS022G IRF-IPS022G Datasheet
95Kb / 10P
DUAL FULLY PROTECTED POWER MOSFET SWITCH
IPS024G IRF-IPS024G Datasheet
102Kb / 10P
QUAD FULLY PROTECTED POWER MOSFET SWITCH
IPS041L IRF-IPS041L Datasheet
109Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021L IRF-IPS021L Datasheet
110Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021 IRF-IPS021 Datasheet
142Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0151 IRF-IPS0151 Datasheet
163Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
IPS031 IRF-IPS031 Datasheet
135Kb / 11P
FULLY PROTECTED POWER MOSFET SWITCH
IPS0551T IRF-IPS0551T Datasheet
106Kb / 10P
FULLY PROTECTED POWER MOSFET SWITCH
IRSF3011LTR IRF-IRSF3011LTR Datasheet
293Kb / 13P
FULLY PROTECTED POWER MOSFET SWITCH
IPS021STRR IRF-IPS021STRR Datasheet
153Kb / 12P
FULLY PROTECTED POWER MOSFET SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com