Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 62Page - NXP Semiconductors MMPF0100 Datasheet HTML 63Page - NXP Semiconductors MMPF0100 Datasheet HTML 64Page - NXP Semiconductors MMPF0100 Datasheet HTML 65Page - NXP Semiconductors MMPF0100 Datasheet HTML 66Page - NXP Semiconductors MMPF0100 Datasheet HTML 67Page - NXP Semiconductors MMPF0100 Datasheet HTML 68Page - NXP Semiconductors MMPF0100 Datasheet HTML 69Page - NXP Semiconductors MMPF0100 Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 137 page
background image
66
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Table 73. Register SW3BSTBY - ADDR 0x44
Name
Bit #
R/W
Default
Description
SW3BSTBY
5:0
R/W
0x00
Sets the SW3B output voltage (independent)
during standby mode. See Table 65 for all
possible configurations.
SW3BSTBY
6
R
0x00
Sets the operating output voltage range for SW3B
(Independent) on standby mode. This bit inherits
the value configured on bit SW3B[6] during OTP
or TBB configuration. See Table 65 for all
possible configurations.
UNUSED
7
–
0x00
unused
Table 74. Register SW3BOFF - ADDR 0x45
Name
Bit #
R/W
Default
Description
SW3BOFF
5:0
R/W
0x00
Sets the SW3B output voltage (independent)
during sleep mode. See Table 65 for all possible
configurations.
SW3BOFF
6
R
0x00
Sets the operating output voltage range for SW3B
(independent) on sleep mode. This bit inherits the
value configured on bit SW3B[6] during OTP or
TBB configuration. See Table 65 for all possible
configurations.
UNUSED
7
–
0x00
unused
Table 75. Register SW3BMODE - ADDR 0x46
Name
Bit #
R/W
Default
Description
SW3BMODE
3:0
R/W
0x08
Sets the SW3B (independent) switching
operation mode. See Table 30 for all possible
configurations.
UNUSED
4
–
0x00
unused
SW3BOMODE
5
R/W
0x00
Set status of SW3B (independent) when in sleep
mode.
• 0 = OFF
• 1 = PFM
UNUSED
7:6
–
0x00
unused
Table 76. Register SW3BCONF - ADDR 0x47
Name
Bit #
R/W
Default
Description
SW3BILIM
0
R/W
0x00
SW3B current limit level selection
• 0 = High level Current limit
• 1 = Low level Current limit
UNUSED
1
R/W
0x00
Unused
SW3BFREQ
3:2
R/W
0x00
SW3B switching frequency selector. See Table 38.
SW3BPHASE
5:4
R/W
0x00
SW3B phase clock selection. See Table 36.
SW3BDVSSPEED
7:6
R/W
0x00
SW3B DVS speed selection. See Table 35.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com