Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5072 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5072
Description  Integrated 100V Power Over Ethernet PD Interface and PWM Controller with Aux Support
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5072 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5072 Datasheet HTML 1Page - National Semiconductor (TI) LM5072 Datasheet HTML 2Page - National Semiconductor (TI) LM5072 Datasheet HTML 3Page - National Semiconductor (TI) LM5072 Datasheet HTML 4Page - National Semiconductor (TI) LM5072 Datasheet HTML 5Page - National Semiconductor (TI) LM5072 Datasheet HTML 6Page - National Semiconductor (TI) LM5072 Datasheet HTML 7Page - National Semiconductor (TI) LM5072 Datasheet HTML 8Page - National Semiconductor (TI) LM5072 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN , RTN to VEE (Note 7)
-0.3V to 100V
RAUX to ARTN
-0.3V to 100V
ICL_FAUX to VEE
-0.3V to 100V
DCCL, RCLASS to VEE
-0.3V to 7V
nPGOOD to ARTN
-0.3V to 16V
ARTN to RTN
-0.3V to 0.3V
VCC, OUT to ARTN
-0.3V to 16V
CS, FB, RT to ARTN
-0.3V to 7V
COMP, SS to ARTN
-0.3V to 5.5V
ESD Rating
Human Body Model (Note 2)
2000V
Lead Soldering Temp. (Note 3)
Wave (4 seconds)
Infrared (10 seconds)
Vapor Phase (75 seconds)
260˚C
240˚C
219˚C
Storage Temperature
-55˚C to 150˚C
Junction Temperature
150˚C
Operating Ratings
V
IN voltage
9V to 70V
External voltage applied to V
CC
8V to 15V
Operating Junction Temperature
-40˚C to 125˚C
Electrical Characteristics (Note 4) Specifications in standard type face are for T
J = +25˚C and those in
boldface type apply over the full operating junction temperature range. Unless otherwise specified: V
IN = 48V, FOSC =
250kHz.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Detection and Classification
V
IN Signature Startup Voltage
1.5
V
Signature Resistance
23.25
24.5
26
k
Ω
Signature Resistor Disengage/
Classification Engage
V
IN Rising
11.0
12.0
12.6
V
Hysteresis
1.9
V
Classification Current Turn Off
V
IN Rising
22
23.5
25
V
Classification Voltage
1.213
1.25
1.287
V
Supply Current During Classification
V
IN = 17V
0.7
1.1
mA
Line Under Voltage Lock-Out
UVLO Release
V
IN Rising
36
38.5
40
V
UVLO Lock out
V
IN Falling
29.5
31.0
32.5
V
UVLO Hysteresis
6
V
UVLO Filter
300
µs
Power Good
VDS Required for Power Good Status
1.3
1.5
1.7
V
VDS Hysteresis of Power Good Status
0.8
1.0
1.2
V
VGS Required for Power Good Status
4.5
5.5
6.5
V
Default Delay Time of Loss-of Power
Good Status
30
µs
nPGOOD current Source
45
55
65
µA
nPGOOD Pull Down Resistance
130
250
Ω
nPGOOD Threshold
2.3
2.5
2.7
V
Hot Swap
RDS(ON)
Hot Swap MOSFET Resistance
0.7
1.2
Ω
Hot Swap MOSFET Leakage
110
µA
Default Inrush Current Limit
V
DS = 4.0V
120
150
180
mA
Default DC Current Limit
V
DS = 4.0V
380
440
510
mA
Front Auxiliary DC Current Limit
V
DS = 4.0V
470
540
610
mA
Inrush Current Limit Programming
Accuracy
V
DS = 4.0V
-15
15
%
DC Current Limit Programming Accuracy
V
DS = 4.0V
-12
12
%
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com