Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5607BAMLL4R Datasheet(PDF) 36 Page - NXP Semiconductors

Part # MPC5607BAMLL4R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL4R Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button MPC5607BAMLL4R Datasheet HTML 32Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 33Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 34Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 35Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 36Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 37Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 38Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 39Page - NXP Semiconductors MPC5607BAMLL4R Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 114 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 10
Electrical characteristics
NXP Semiconductors
36
4.2.2
NVUSRO[OSCILLATOR_MARGIN] field description
The fast external crystal oscillator consumption is dependent on the OSCILLATOR_MARGIN bit value.
Table 9 shows how NVUSRO[OSCILLATOR_MARGIN] controls the device configuration.
4.2.3
NVUSRO[WATCHDOG_EN] field description
The watchdog enable/disable configuration after reset is dependent on the WATCHDOG_EN bit value.
Table 10 shows how NVUSRO[WATCHDOG_EN] controls the device configuration.
4.3
Absolute maximum ratings
2 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Table 9. OSCILLATOR_MARGIN field description1
1 See the device reference manual for more information on the NVUSRO register.
Value2
2 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Low consumption configuration (4 MHz/8 MHz)
1
High margin configuration (4 MHz/16 MHz)
Table 10. WATCHDOG_EN field description
Value1
1 Default manufacturing value is ‘1’. Value can be programmed by customer in Shadow Flash.
Description
0
Disable after reset
1
Enable after reset
Table 11. Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
SR Voltage on VDD_HV pins with respect to
ground (VSS)
—–0.3
6.0
V
VSS_LV
SR Voltage on VSS_LV (low voltage digital supply)
pins with respect to ground (VSS)
—VSS –0.1 VSS +0.1
V
VDD_BV
SR Voltage on VDD_BV (regulator supply) pin with
respect to ground (VSS)
—–0.3
6.0
V
Relative to VDD
–0.3
VDD +0.3
VSS_ADC SR Voltage on VSS_HV_ADC0, VSS_HV_ADC1
(ADC reference) pins with respect to ground
(VSS)
—VSS –0.1 VSS +0.1
V
VDD_ADC SR Voltage on VDD_HV_ADC0, VDD_HV_ADC1
(ADC reference) pins with respect to ground
(VSS)
—–0.3
6.0
V
Relative to VDD
VDD − 0.3 VDD +0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com