Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5646CCAMLU1R Datasheet(PDF) 40 Page - NXP Semiconductors

Part # MPC5646CCAMLU1R
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646CCAMLU1R Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button MPC5646CCAMLU1R Datasheet HTML 36Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 37Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 38Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 39Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 40Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 41Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 42Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 43Page - NXP Semiconductors MPC5646CCAMLU1R Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
40
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions
(VIN > VDD_HV_A/HV_B or VIN <VSS_HV), the voltage on pins with respect to ground
(VSS_HV) must not exceed the recommended values.
VSS_ADC
SR Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC
reference) pin with respect to
ground (VSS_HV)
—VSS_HV − 0.1
VSS_HV +0.1
V
VDD_HV_ADC0 SR Voltage on VDD_HV_ADC0
with respect to ground
(VSS_HV)
—–0.3
6.0
V
Relative to VDD_HV_A
3
VDD_HV_A − 0.3 VDD_HV_A+0.3
VDD_HV_ADC1
4 SR Voltage on VDD_HV_ADC1
with respect to ground
(VSS_HV)
—–0.3
6.0
V
Relative to VDD_HV_A
2
VDD_HV_A−0.3
VDD_HV_A+0.3
VIN
SR Voltage on any GPIO pin with
respect to ground (VSS_HV)
Relative to
VDD_HV_A/HV_B
VDD_HV_A/HV_B
−0.3
VDD_HV_A/HV_B
+0.3
V
IINJPAD
SR Injected input current on any
pin during overload condition
—
–10
10
mA
IINJSUM
SR Absolute sum of all injected
input currents during overload
condition
—
–50
50
IAVGSEG
5
SR Sum of all the static I/O
current within a supply
segment
(VDD_HV_A or VDD_HV_B)
VDD = 5.0 V ± 10%,
PAD3V5V = 0
70
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
64
TSTORAGE
SR Storage temperature
—
–556
150
°C
1 V
DD_HV_B can be independently controlled from VDD_HV_A. These can ramp up or ramp down in any order. Design
is robust against any supply order.
2 This voltage is internally generated by the device and no external voltage should be supplied.
3 Both the relative and the fixed conditions must be met. For instance: If V
DD_HV_A is 5.9 V, VDD_HV_ADC0 maximum
value is 6.0 V then, despite the relative condition, the max value is VDD_HV_A +0.3 =6.2 V.
4 PA3, PA7, PA10, PA11 and PE12 ADC_1 channels are coming from V
DD_HV_B domain hence VDD_HV_ADC1 should
be within ±300 mV of VDD_HV_B when these channels are used for ADC_1.
5 Any temperature beyond 125 °C should limit the current to 50 mA (max).
6 This is the storage temperature for the flash memory.
Table 8. Absolute maximum ratings (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com