Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5607BAVLL6R Datasheet(PDF) 61 Page - NXP Semiconductors

Part # MPC5607BAVLL6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAVLL6R Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button MPC5607BAVLL6R Datasheet HTML 57Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 58Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 59Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 60Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 61Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 62Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 63Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 64Page - NXP Semiconductors MPC5607BAVLL6R Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
61
4.8
Power consumption
Table 27 provides DC electrical characteristics for significant application modes. These values are
indicative values; actual consumption depends on the application.
Table 26. Low voltage detector electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value
Unit
Min
Typ
Max
VPORUP
SR P Supply for functional POR module
TA = 25 °C,
after trimming
1.0
—
5.5
V
VPORH
CC P Power-on reset threshold
1.5
—
2.6
VLVDHV3H
CC T LVDHV3 low voltage detector high threshold
—
—
2.95
VLVDHV3L
CC P LVDHV3 low voltage detector low threshold
2.6
—
2.9
VLVDHV3BH
CC P LVDHV3B low voltage detector high threshold
—
—
2.95
VLVDHV3BL
CC P LVDHV3B low voltage detector low threshold
2.6
—
2.9
VLVDHV5H
CC T LVDHV5 low voltage detector high threshold
—
—
4.5
VLVDHV5L
CC P LVDHV5 low voltage detector low threshold
3.8
—
4.4
VLVDLVCORL CC P LVDLVCOR low voltage detector low threshold
1.08
—
1.16
VLVDLVBKPL CC P LVDLVBKP low voltage detector low threshold
1.08
—
1.16
Table 27. Power consumption on VDD_BV and VDD_HV
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
IDDMAX
2
CC D RUN mode maximum average
current
—
—
115
1403
mA
IDDRUN
4
CC T RUN mode typical average
current5
fCPU = 8 MHz
—
12
—
mA
TfCPU = 16 MHz
—
27
—
TfCPU = 32 MHz
—
43
—
PfCPU = 48 MHz
—
56
100
PfCPU = 64 MHz
—
70
125
IDDHALT CC C HALT mode current
6
Slow internal RC
oscillator (128 kHz)
running
TA = 25 °C
—
10
18
mA
PTA = 125 °C
—
17
28
IDDSTOP CC P STOP mode current
7
Slow internal RC
oscillator (128 kHz)
running
TA = 25 °C
—
350
9008
µA
DTA =55°C
—
750
—
DTA =85°C
—
2
7
mA
DTA = 105 °C
—
4
10
PTA = 125 °C
—
7
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com