Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5607BAMLL6R Datasheet(PDF) 37 Page - NXP Semiconductors

Part # MPC5607BAMLL6R
Description  MPC5607B Microcontroller Data Sheet
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5607BAMLL6R Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button MPC5607BAMLL6R Datasheet HTML 33Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 34Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 35Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 36Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 37Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 38Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 39Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 40Page - NXP Semiconductors MPC5607BAMLL6R Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 114 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
37
NOTE
Stresses exceeding the recommended absolute maximum ratings may cause permanent
damage to the device. This is a stress rating only and functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
specification are not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. During overload conditions (VIN >VDD or
VIN <VSS), the voltage on pins with respect to ground (VSS) must not exceed the
recommended values.
4.4
Recommended operating conditions
VIN
SR Voltage on any GPIO pin with respect to
ground (VSS)
—–0.3
6.0
V
Relative to VDD
—VDD +0.3
IINJPAD
SR Injected input current on any pin during
overload condition
—
–10
10
mA
IINJSUM
SR Absolute sum of all injected input currents
during overload condition
—
–50
50
IAVGSEG SR Sum of all the static I/O current within a supply
segment
VDD = 5.0 V ± 10%,
PAD3V5V = 0
—70
mA
VDD = 3.3 V ± 10%,
PAD3V5V = 1
—64
TSTORAGE SR Storage temperature
—
–55
150
°C
Table 12. Recommended operating conditions (3.3 V)
Symbol
Parameter
Conditions
Value
Unit
Min
Max
VSS
SR Digital ground on VSS_HV pins
—
0
0
V
VDD
1
SR Voltage on VDD_HV pins with respect to
ground (VSS)
—3.0
3.6
V
VSS_LV
2
SR Voltage on VSS_LV (low voltage digital
supply) pins with respect to ground (VSS)
—VSS − 0.1
VSS +0.1
V
VDD_BV
3
SR Voltage on VDD_BV pin (regulator supply)
with respect to ground (VSS)
—3.0
3.6
V
Relative to VDD
VDD − 0.1 VDD +0.1
VSS_ADC
SR Voltage on VSS_HV_ADC0,
VSS_HV_ADC1 (ADC reference) pin with
respect to ground (VSS)
—VSS − 0.1
VSS +0.1
V
VDD_ADC
4
SR Voltage on VDD_HV_ADC0,
VDD_HV_ADC1 (ADC reference) with
respect to ground (VSS)
—3.05
3.6
V
Relative to VDD
VDD − 0.1 VDD +0.1
Table 11. Absolute maximum ratings (continued)
Symbol
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com