Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCD32B Datasheet(PDF) 2 Page - Schneider Electric

Part # LUCD32B
Description  Advanced control unit, TeSys Ultra, 8A to 32A, 3P motors, protection & diagnostic, class 20, coil 24VAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LUCD32B Datasheet(HTML) 2 Page - Schneider Electric

  LUCD32B Datasheet HTML 1Page - Schneider Electric LUCD32B Datasheet HTML 2Page - Schneider Electric LUCD32B Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
14.5 V AC 24 V drop-out
Typical current consumption
220 mA 24 V AC I maximum while closing with LUB32
220 mA 24 V AC I maximum while closing with LUB38
90 mA 24 V AC I rms sealed with LUB32
90 mA 24 V AC I rms sealed with LUB38
Heat dissipation
3 W control circuit with LUB32
3 W control circuit with LUB38
Operating time
35 ms opening with LUB32 control circuit
35 ms opening with LUB38 control circuit
70 ms closing with LUB32 control circuit
70 ms closing with LUB38 control circuit
Reset
Manual reset
Standards
EN 60947-6-2
IEC 60947-6-2
UL 60947-4-1, with phase barrier
CSA C22.2 No 60947-4-1, with phase barrier
Product Certifications
CE
UL
CSA
CCC
EAC
ASEFA
ATEX
Marine
[Ui] rated insulation voltage
690 V IEC 60947-6-2
600 V UL 60947-4-1
600 V CSA C22.2 No 60947-4-1
[Uimp] rated impulse withstand
voltage
6 kV IEC 60947-6-2
Safe separation of circuit
400 V SELV between the control and auxiliary circuits IEC 60947-1
400 V SELV between the control or auxiliary circuit and the main circuit IEC 60947-1
Fixing mode
Plug-in front face)
Width
1.77 in (45 mm)
Height
2.60 in (66 mm)
Depth
2.36 in (60 mm)
Compatibility code
LUCD
Environment
IP degree of protection
IP20 front panel and wired terminals IEC 60947-1
IP20 other faces IEC 60947-1
IP40 front panel outside connection zone IEC 60947-1
Protective treatment
TH IEC 60068
Ambient air temperature for
operation
-13…158 °F (-25…70 °C)
Ambient Air Temperature for
Storage
-40…185 °F (-40…85 °C)
Operating altitude
6561.68 ft (2000 m)
Fire resistance
1760 °F (960 °C) parts supporting live components IEC 60695-2-12
1202 °F (650 °C) IEC 60695-2-12
Shock resistance
10 gn power poles open IEC 60068-2-27
15 gn power poles closed IEC 60068-2-27
Vibration resistance
2 gn 5…300 Hz power poles open IEC 60068-2-6
4 gn 5…300 Hz power poles closed IEC 60068-2-6
Resistance to electrostatic
discharge
8 kV 3 in open air IEC 61000-4-2
8 kV 4 on contact IEC 61000-4-2
Non-dissipating shock wave
1 kV serial mode IEC 60947-6-2
2 kV common mode IEC 60947-6-2
Resistance to radiated fields
9.14 V/m (10 V/m) 3 IEC 61000-4-3
Resistance to fast transients
2 kV 3 serial link IEC 61000-4-4
4 kV 4 all circuits except for serial link IEC 61000-4-4
2
May 10, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com