Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL4731 Datasheet(PDF) 1 Page - First Components International

Part # LL4731
Description  1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LL4731 Datasheet(HTML) 1 Page - First Components International

  LL4731 Datasheet HTML 1Page - First Components International LL4731 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n 5 & 10% VOLTAGE
TOLERANCES AVAILABLE
Mechanical Dimensions
n WIDE VOLTAGE RANGE
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
LL4728...4764 Series
Data Sheet
1 Watt
ZENER DIODES (3.3V to 100V)
Units
DC Power Dissipation with T
L = > = 75
...P
D
Lead Length = .375 Inches
Derate Above 50
Operating & Storage Temperature Range...T
J, TSTRG
°C
°C
............................................. 1 ...............................................
............................................. 6.67 ...............................................
Watt
mW / °C
°C
......................................... -65 to 100 ..........................................
Steady State Power Derating
Lead Temperature (°°°°°C)
Temperature Coefficients vs. Voltage
Zener Voltage (V)
Typical Junction Capacitance
Zener Voltage (V)
50% Vz Bias
0 V Bias
1 V Bias
Zener Current vs. Zener Voltage
Zener Voltage (V)
DO-213AB
(MELF)
Page 10-50


Similar Part No. - LL4731

ManufacturerPart #DatasheetDescription
logo
RFE international
LL4731A RFE-LL4731A Datasheet
70Kb / 1P
SURFACE MOUNT Zener Diodes
More results

Similar Description - LL4731

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
1 WATT ZENER DIODES
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
1 WATT ZENER DIODES
logo
First Components Intern...
LL5221 FCI-LL5221 Datasheet
181Kb / 2P
쩍 Watt ZENER DIODES (2.4V to 62V) Mechanical Dimensions
1N4728 FCI-1N4728 Datasheet
172Kb / 2P
1 Watt ZENER DIODES (3.3V to 100V)
1N5913 FCI-1N5913 Datasheet
113Kb / 2P
1.5 Watt ZENER DIODES(3.3V to 200V)
BZX85C3V3 FCI-BZX85C3V3 Datasheet
98Kb / 2P
1 - 1.3 Watt ZENER DIODES (3.3V to 100V)
1N4728 FCI-1N4728_1 Datasheet
977Kb / 3P
1 Watt ZENER DIODES (3.3V to 100V) 1.0 W power dissipation
DL4728A FCI-DL4728A Datasheet
104Kb / 2P
1 Watt [3.3~100V] ZENER DIODES Junction Temp.
logo
Yea Shin Technology Co....
ZS4728A YEASHIN-ZS4728A Datasheet
872Kb / 5P
1000mW Surface Mount Zener Diodes - 3.3V-100V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com