Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOTZ Datasheet(PDF) 2 Page - First Components International

Part # SOTZ
Description  2.4V to 20V SOT 23 ZENER DIODES (1/4 Watt)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SOTZ Datasheet(HTML) 2 Page - First Components International

  SOTZ Datasheet HTML 1Page - First Components International SOTZ Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
Page 10-49
Part No.
Reverse Current I
R (µA)
Dynamic (Z
Z) Impedance
I
Z (ma)
Min.
Max.
Zener Voltage
SOT-Z-2.0
SOT-Z-2.2
SOT-Z-2.4
SOT-Z-2.7
SOT-Z-3.0
SOT-Z-3.3
SOT-Z-3.6
SOT-Z-3.9
SOT-Z-4.3
SOT-Z-4.7
SOT-Z-5.1
SOT-Z-5.6
SOT-Z-6.2
SOT-Z-6.8
SOT-Z-7.5
SOT-Z-8.2
SOT-Z-9.1
SOT-Z-10.0
SOT-Z-11
SOT-Z-12
SOT-Z-13
SOT-Z-15
SOT-Z-16
SOT-Z-18
SOT-Z-20
1.9
2.1
2.3
2.5
2.8
3.1
3.4
3.7
4.1
4.4
4.8
5.3
5.9
6.4
7.1
7.8
8.6
9.5
10.4
11.5
12.5
14.4
15.4
17.3
19.2
2.2
2.4
2.6
2.9
3.2
3.5
3.8
4.1
4.5
4.9
5.4
5.6
6.6
7.0
7.9
8.6
9.6
10.5
11.5
12.5
13.5
15.5
16.6
18.6
20.7
.
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
100 ohms
100 ohms
100 ohms
110 ohms
120 ohms
130 ohms
130 ohms
130 ohms
130 ohms
130 ohms
130 ohms
80 ohms
50 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
30 ohms
.5
.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
2.5
3.0
3.5
4.0
5.0
5.5
6.0
7.0
8.0
9.0
11
12
13
15
2.4V to 20V SOT 23
ZENER DIODES (1/4 Watt)
Max.
I
Z (mA)
Max.
V
R (V)
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
5.00
120
120
120
120
50
20
10
10
10
10
5.0
5.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
2.0
Temp. Coefficients vs. Voltage
Zener Voltage
Power Ratings
Temperature (oC)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com