Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB112 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB112
Description  Five-Channel Digitally Programmable White-LED and TFT/LCD Power Manager
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB112 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB112 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB112
Preliminary Information
© SUMMIT Microelectronics, Inc. 2005
1717 Fox Drive • San Jose CA 95131
Phone 408 436-9890 • FAX 408 436-9897
http://www.summitmicro.com/
2101 2.4 5/3/2005
1
INTRODUCTION
• Digital programming of all major parameters via I2C
interface and non-volatile memory
o Output voltage set-point
o Individual dimming
o Output power-up/down sequencing
o Digital soft-start and output slew rate
o Input/Battery voltage monitoring
o UV/OV monitoring of all outputs
o Enable/Disable outputs independently
• Five output channels
o One synchronous step-down (buck) channel
o Two step-up (boost) channels
o One inverting (buck-boost) channel
o One fixed output +3.3V LDO
• +2.7V to +6.0V Input Range
• Highly accurate reference and output voltage (<0.5%)
with Active DC Output Control (ADOC™) technology
• Supports multiple strings of up to 12 white LEDs in
series
• Undervoltage Lockout (UVLO) with hysteresis
• 800 kHz operating frequency
• 96 bytes of user configurable nonvolatile memory
Applications
• White LED backlighting
• High-power LED driving
• TFT/LCD Displays/Monitors/TV’s
• Digital camcorders/still cameras
• Portable DVD/MP3/GPS
• Camera/smart phones
• Mobile Computing/PDA’s
The SMB112 is a highly integrated and flexible five-channel
power manager designed for powering TFT/LCD display
panels and for driving low- and high-power white-LEDs. The
built-in digital programmability allows system designers to
custom tailor the device to suit almost any multi-channel power
supply application from digital camcorders to mobile phones.
The SMB112 integrates all the essential blocks required to
implement a complete five-channel power subsystem for
TFT/LCD panels including a synchronous step-down “buck”
controller, two step-up “boost” controllers, one inverting “buck-
boost” controller and one fixed output +3.3V LDO. Additionally
sophisticated power control/monitoring functions required by
complex systems are built-in.
These include digitally
programmable output voltage set point, individual dimming,
power-up/down sequencing, enable/disable, margining and
UV/OV/input/output monitoring on all channels.
The integration of features and built-in flexibility of the SMB112
allows the system designer to create a “platform solution” that
can be easily modified via software without major hardware
changes.
Combined with the re-programmability of the
SMB112 this facilitates rapid design cycles and proliferation
from a base design to future generations of product.
The SMB112 is suited to battery-powered applications with an
input range of +2.7V to +6.0V. Output voltages are extremely
accurate (<0.5%) employing proprietary ADOC™ technology.
Communication is via the industry standard I
2C bus. All user-
programmed settings are stored in non-volatile EEPROM of
which 96 bytes may be used for general-purpose memory
applications. The operating temperature range is 0C to +70C
and the available package is a lead-free, Green, RoHS
compliant, 32-pad QFN-32.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
Five-Channel Digitally Programmable White-LED and TFT/LCD Power Manager
Figure 1: Applications schematic featuring the SMB112 Five-channel, programmable DC-DC controller
Note: This is an applications example only. Some pins, components and values are not shown.
SMB112
-0.8V to -10 x Vin (Prog.) @ up to 1A
Vin to 10 x Vin (Prog.) @ up to 1A
+2.7V to +6.0V
or
Li-Ion
CONTROLLER
LED Drive
VGL
MCU/RTC
I2C/SMBus
LDO
Step-Down
(Buck)
Channels
Inverter
Channel
System
Control and
Monitoring
Reset Output
Power Good
Reset Input
Vin to 10 x Vin (Prog.) @ up to 1A
VGH
2 Step-Up
(Boost)
Channels
+0.8V to 0.9 x Vin (Prog.) @ 2A
+3.3V @ 20mA


Similar Part No. - SMB112

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB11 LITEON-SMB11 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB11 MIC-SMB11 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMB11 LUGUANG-SMB11 Datasheet
164Kb / 4P
600Watts Surface Mount Transient Voltage Suppressor
logo
Lite-On Technology Corp...
SMB110 LITEON-SMB110 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB110 MIC-SMB110 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMB112

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
V6123 EMMICRO-V6123 Datasheet
701Kb / 19P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
EM6125 EMMICRO-EM6125 Datasheet
1Mb / 43P
Digitally programmable 65 and 81 multiplex rate LCD Controller and Driver
logo
Summit Microelectronics...
SMB120 SUMMIT-SMB120 Datasheet
130Kb / 1P
Nine-Channel DC/DC Digitally Programmable System Power Manager
logo
EM Microelectronic - MA...
V6116 EMMICRO-V6116 Datasheet
871Kb / 15P
Digitally Programmable 2, 4 and 8 Mux LCD Driver
logo
Summit Microelectronics...
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
logo
Kyocera Kinseki Corpota...
TVL-55736GD032JR-LW-G-AAN KSS-TVL-55736GD032JR-LW-G-AAN Datasheet
665Kb / 23P
Transmissive and Normally white type 3.2??TFT LCD module
logo
Global Mixed-mode Techn...
G2561 GMT-G2561 Datasheet
126Kb / 1P
Programmable Multi-Output TFT LCD Bias Power
G2511 GMT-G2511 Datasheet
131Kb / 2P
Power Supply for TFT-LCD Panels with 6-Channel White LED Driver
G2500 GMT-G2500 Datasheet
130Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 1-Channel White LED Driver
G5524A GMT-G5524A Datasheet
136Kb / 2P
Integrated Power Supply for TFT-LCD Panels with 4-Channel White LED Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com