Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB4101A2 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # LB4101A2
Description  Output Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

LB4101A2 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  LB4101A2 Datasheet HTML 1Page - Pepperl+Fuchs Inc. LB4101A2 Datasheet HTML 2Page - Pepperl+Fuchs Inc. LB4101A2 Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Output Isolator
LB4101A2
< 1-channel
< Output Ex ia
< Mounting in Zone 2, Class I/Div.2 or in the safe area
< Analog output module for 0/4 mA ... 20 mA
< Simulation mode for service operations (forcing)
< Line fault detection (LFD)
< Permanently self-monitoring
< Module can be exchanged under voltage
Function
The device drives positioners, proportional valves, I/P converters, or local indicators.
Open and short circuit line faults are detected.
The output is galvanically isolated from the bus and the power supply.
Connection
Zone 2
Div. 2
Zone 0, 20
Div. 1
2+
3+
1
5-
6
4-
Technical Data
Slots
Occupied slots
1
Supply
Connection
backplane bus
Rated voltage
Ur
12 V DC , only in connection with the power supplies LB9***
Power dissipation
0.8 W
Power consumption
0.95 W
Internal bus
Connection
backplane bus
Interface
manufacturer-specific bus to standard com unit
Analog output
Number of channels
1
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - LB4101A2

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
LB4102A2 PF-LB4102A2 Datasheet
517Kb / 3P
HART Output Isolator
2021-12-01
LB4102C2 PF-LB4102C2 Datasheet
540Kb / 3P
HART Output Isolator with Shutdown Input
2021-12-01
LB4104A2 PF-LB4104A2 Datasheet
625Kb / 3P
Output Isolator
2021-12-01
LB4105A2 PF-LB4105A2 Datasheet
653Kb / 3P
HART Output Isolator
2021-12-01
LB4105C2 PF-LB4105C2 Datasheet
178Kb / 4P
HART Output Isolator with Shutdown Input
2021-12-01
More results

Similar Description - LB4101A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH0V ETC1-WH0V Datasheet
79Kb / 2P
Output Isolator
logo
Pepperl+Fuchs Inc.
FB4201B2 PF-FB4201B2 Datasheet
513Kb / 3P
Output Isolator
FB4202B2 PF-FB4202B2 Datasheet
514Kb / 3P
HART Output Isolator
FB4204B2 PF-FB4204B2 Datasheet
589Kb / 3P
Output Isolator
FB4205B2 PF-FB4205B2 Datasheet
680Kb / 3P
HART Output Isolator
FB4302B2 PF-FB4302B2 Datasheet
507Kb / 3P
HART Output Isolator
LB4002A2 PF-LB4002A2 Datasheet
529Kb / 3P
HART Output Isolator
2021-12-01
LB4102A2 PF-LB4102A2 Datasheet
517Kb / 3P
HART Output Isolator
2021-12-01
LB4104A2 PF-LB4104A2 Datasheet
625Kb / 3P
Output Isolator
2021-12-01
LB4105A2 PF-LB4105A2 Datasheet
653Kb / 3P
HART Output Isolator
2021-12-01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com