Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMB120 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMB120
Description  Nine-Channel DC/DC Digitally Programmable System Power Manager
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMB120 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMB120 Datasheet HTML 1Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMB120
Preliminary information
© SUMMIT Microelectronics, Inc. 2005 • 1717 Fox Drive • San Jose CA 95131 • Phone 408 436-9890 • FAX 408 436-9897
http://www.summitmicro.com/
2090 2.3 11/15/2005
1
Nine-Channel DC/DC Digitally Programmable System Power Manager
INTRODUCTION
• Digital programming of all major parameters via I2C
interface and non-volatile memory
o
Output voltage set point
o
Output power-up/down sequencing
o
Digital soft-start and output slew rate
o
Input/battery voltage monitoring
o
Dynamic Voltage Management
o
UV/OV monitoring of all outputs
o
Enable/disable outputs independently
• Nine output channels
o
Four synchronous step-down (buck)
channels
o
Three step-up (boost) channels
o
One inverting (buck-boost) channel
o
One 3.3V fixed LDO channel
• User friendly Graphical User Interface (GUI)
• 2.7V to 6.0V Input Range
• Highly accurate reference and output voltage (<0.5%)
with Active DC Output Control (ADOC™) technology
• Undervoltage Lockout (UVLO) with hysteresis
• 800 kHz operating frequency (trimmable)
• 96 bytes of user configurable nonvolatile memory
• Eight Phase PWM with Phase Locked Loop (PLL)
• 100% Maximum Duty Cycle for Buck channels
• 0% Duty Cycle option for boost and buck-boost
channels
Applications
• Digital camcorders/still cameras
• Portable DVD/MP3/GPS
• Camera phones
• TFT/LCD Displays/Monitors/TV’s
• Mobile Computing
• Consumer battery-operated equipment
• Intel X-ScaleTM -based consumer devices
•
The SMB120 is a highly integrated and flexible nine-channel
programmable power manager designed for use in a wide
range
of
portable
applications.
The
built-in
digital
programmability allows system designers to custom tailor the
device to suit almost any multi-channel power supply
application from digital camcorders to mobile phones.
Complete with a user friendly GUI, all programmable settings
including output voltages and input/output voltage monitoring
can be customized with ease.
The SMB120 integrates all the essential blocks required to
implement a complete nine-channel power subsystem
including four synchronous step-down “buck” controllers, three
step-up
“boost”
controllers,
one
inverting
“buck-boost”
controller, and one linear regulator (LDO).
Additionally
sophisticated power control/monitoring functions required by
complex systems are built-in.
These include digitally
programmable output voltage set point, power-up/down
sequencing, enable/disable, dynamic voltage management and
UV/OV/input monitoring on all channels.
The integration of features and built-in flexibility of the SMB120
allows the system designer to create a “platform solution” that
can be easily modified via software without major hardware
changes.
Combined with the re-programmability of the
SMB120 this facilitates rapid design cycles and proliferation
from a base design to future generations of product.
The SMB120 is suited to battery-powered applications with an
input range of 2.7V to 6.0V. Output voltages are extremely
accurate (<0.5%) employing proprietary ADOC™ technology.
Communication is via the industry standard I
2C bus. All user-
programmed settings are stored in non-volatile EEPROM of
which 96 bytes may be used for general-purpose memory
applications. The commercial operating temperature range is
0
°C to +70°C and the industrial temperature range is –40°C to
+85
°C The SMB120 is available in a lead-free, RoHS
compliant 9mm x 9mm 64 pin QFN package.
SIMPLIFIED APPLICATIONS DRAWING
FEATURES & APPLICATIONS
Figure 1 – Applications schematic featuring the SMB120 Nine-Channel DC-DC Digitally Programmable Power Manager.
This DC/DC controller provides power-on/off control, sequencing, fault monitoring, and Dynamic Voltage Management.
Note: This is an applications example only. Some pins, components and values are not shown.
SMB120
+0.8V to Vin (Prog.)
+0.8V to Vin (Prog.)
-0.8V to -23V(Prog.)
Vin to +28V (Prog.)
+2.7V to +6.0V
or
Li-Ion
CPU Core
Analog/RF
LED Drive
CCD
+3.3V
MCU/RTC
I2C/SMBus
LDO
4 Step-
Down
(Buck)
Channels
3 Step-Up
(Boost)
Channels
Inverter
Channel
System
Control and
Monitoring
Reset Output
Power Good
Reset Input
Vin to +28V (Prog.)
TFT/LCD
Vin to +28V (Prog.)
Motor Drive
+0.8V to Vin (Prog.)
Memory, I/O
+0.8V to Vin (Prog.)
DSP/Codec


Similar Part No. - SMB120

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
SMB120 LITEON-SMB120 Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB120 MIC-SMB120 Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Lite-On Technology Corp...
SMB120A LITEON-SMB120A Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
MIC GROUP RECTIFIERS
SMB120A MIC-SMB120A Datasheet
74Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Lite-On Technology Corp...
SMB120C LITEON-SMB120C Datasheet
37Kb / 4P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMB120

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB111 SUMMIT-SMB111 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB113 SUMMIT-SMB113 Datasheet
128Kb / 1P
Four Channel Programmable DC-DC System Power Manager
SMB118 SUMMIT-SMB118 Datasheet
132Kb / 1P
Seven-Channel Programmable DC-DC Power Manager with Battery Charger
SMB122 SUMMIT-SMB122 Datasheet
143Kb / 1P
Nine-Channel Programmable DC-DC Power Manager with Battery Charger
SMB110 SUMMIT-SMB110 Datasheet
505Kb / 34P
Five Channel Programmable DC-DC System Power Manager
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB119 SUMMIT-SMB119 Datasheet
558Kb / 34P
Seven-Channel Programmable DC-DC Power Manager
SMB214A SUMMIT-SMB214A Datasheet
542Kb / 26P
High-power, Three-channel Programmable DC-DC System Power Managers
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com