Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMM105 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMM105
Description  Single-Channel Supply Voltage Marginer and Active DC Output Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM105 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMM105 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM105 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
SMM105
Preliminary Information
Summit Microelectronics, Inc
2068 1.8 09/20/05
11
RTRIM(R3) is calculated as follows:
VTRIMlow=0.3V, Regulator VREF=0.8V
The current through R3 is ITRIM=(0.8-0.3)/RTRIM
(ITRIM)(R4) > 15% of VOUT
RTRIMmax should be < the calculated value
C5
0.02uF
R6 10K
C1 1uF
START
R7 10K
R5
20k
C7
0.01uF
For Example:
If Vout=3.3V, R4=63.4K, 15% of Vout=0.5V
ITRIM=8uA, RTRIM=62.5K
Therefore Rtrim standard 1% value down from 62.
J1
1
2
3
4
5
6
7
8
9
10
Gnd
SCL
Gnd3
SDA
Rsrv5
MR
+10V
Rsrv8
+5V
Rsrv10
START
U1
SMM105
1
2
3
4
5
6
8
10
11
12
14
18
19
20
28
SCL
A2
START
A1
READY
A0
WP#
FILT_CAP
FAULT#
COMP2
VM
TRIM_CAP
COMP1
TRIM
SDA
R3
RTRIM
FAULT#
D1
DIODE
READY
VOUT
SMX3200 I2C Programming
Connector 10 pin Header
R1 and R2 need only be
placed once on the I2C bus
C4
0.1uF
R1 10K
R2 10K
R8 10K
C8
0.1uF
U2
Switching Regulator
+Vout
+Vin
VADJ (VREF)
PGOOD
The SMM105 START pin must be inactive during power-up so
that the TRIM pin is high impedence. Once power is nominal,
the START pin can be active to start margin and ADOC
functions
R4
RSET1
+12VIN (+10V to +15V)
Figure 7 – SMM105 Applications schematic for an adjustable switching regulator (Full regulator circuit not
shown).
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com